Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W150HT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # W150HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W150HT Datasheet(HTML) 3 Page - SpectraLinear Inc

  W150HT Datasheet HTML 1Page - SpectraLinear Inc W150HT Datasheet HTML 2Page - SpectraLinear Inc W150HT Datasheet HTML 3Page - SpectraLinear Inc W150HT Datasheet HTML 4Page - SpectraLinear Inc W150HT Datasheet HTML 5Page - SpectraLinear Inc W150HT Datasheet HTML 6Page - SpectraLinear Inc W150HT Datasheet HTML 7Page - SpectraLinear Inc W150HT Datasheet HTML 8Page - SpectraLinear Inc W150HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W150
Rev 1.0, November 24, 2006
Page 3 of 14
Overview
The W150 was designed as a single-chip alternative to the
standard two-chip Intel 440BX AGPset clock solution. It
provides sufficient outputs to support most single-processor,
four SDRAM DIMM designs.
Functional Description
I/O Pin Operation
Pins 2, 8, 9, 29, and 30 are dual-purpose l/O pins. Upon
power-up these pins act as logic inputs, allowing the determi-
nation of assigned device functions. A short time after
power-up, the logic state of each pin is latched and the pins
become clock outputs. This feature reduces device pin count
by combining clock outputs with input select pins.
An external 10-k
“strapping” resistor is connected between
the l/O pin and ground or VDD. Connection to ground sets a
latch to “0,” connection to VDD sets a latch to “1.” Figure 1 and
Figure 2 show two suggested methods for strapping resistor
connections.
Upon W150 power-up, the first 2 ms of operation are used for
input logic selection. During this period, the five I/O pins (2, 8,
9, 29, 30) are three-stated, allowing the output strapping
resistor on the l/O pins to pull the pins and their associated
capacitive clock load to either a logic HIGH or LOW state. At
the end of the 2-ms period, the established logic “0” or “1”
condition of the l/O pin is latched. Next the output buffer is
enabled, converting the l/O pins into operating clock outputs.
The 2-ms timer starts when VDD reaches 2.0V. The input bits
can only be reset by turning VDD off and then back on again.
It should be noted that the strapping resistors have no signif-
icant effect on clock output signal integrity. The drive
impedance of clock output (< 40 , nominal) is minimally
affected by the 10-k
strap to ground or VDD. As with the
series termination resistor, the output strapping resistor should
be placed as close to the l/O pin as possible in order to keep
the interconnecting trace short. The trace from the resistor to
ground or VDD should be kept less than two inches in length
to minimize system noise coupling during input logic sampling.
When the clock outputs are enabled following the 2-ms input
period, the corresponding specified output frequency is
delivered on the pins, assuming that VDD has stabilized. If VDD
has not yet reached full value, output frequency initially may
be below target but will increase to target once VDD voltage
has stabilized. In either case, a short output clock cycle may
be produced from the CPU clock outputs when the outputs are
enabled.
VDDQ2
50, 56
P
Power Connection: Power supply for IOAPIC and CPU output buffers. Connect to 2.5V or
3.3V.
GND
4, 10, 23,
26, 34,
42, 48, 53
G
Ground Connections: Connect all ground pins to the common system ground plane.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W150
VDD
Clock Load
10 k
Output
Buffer
(Load Option 1)
10 k
(Load Option 0)
Output
Low
Output Strapping Resistor
Series Termination Resistor
Figure 1. Input Logic Selection Through Resistor Load Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com