Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB2 Datasheet(PDF) 20 Page - Keysight Technologies

Part # AB2
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

AB2 Datasheet(HTML) 20 Page - Keysight Technologies

Back Button AB2 Datasheet HTML 16Page - Keysight Technologies AB2 Datasheet HTML 17Page - Keysight Technologies AB2 Datasheet HTML 18Page - Keysight Technologies AB2 Datasheet HTML 19Page - Keysight Technologies AB2 Datasheet HTML 20Page - Keysight Technologies AB2 Datasheet HTML 21Page - Keysight Technologies AB2 Datasheet HTML 22Page - Keysight Technologies AB2 Datasheet HTML 23Page - Keysight Technologies AB2 Datasheet HTML 24Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Display units:
Absolute: Watts or dBm
Relative: Percent or dB
Display resolution:
Resolution of 1.0, 0.1, 0.01 and 0.001
dB in log mode; one to four digits in
linear mode
Default resolution:
0.01 dB in log mode; three digits in
linear mode
Zero:
For performing internal and external
zeroing
Range:
Sensor-dependent, configurable in
1-kHz steps
2. Recording time for trace graphs may vary based on trace graph settings
(continued)
Power panel (basic)
Power analyzer (advanced)
Save/Load file functions
Save measurement data (with
timestamp)
√ (applies to strip chart display; up to 10,000
data points)
√ (applicable in Strip Chart and Trace Graph)
Load measurement data
√ (applicable in Strip Chart and Trace Graph)
√ (applicable in Strip Chart and Trace Graph)
Data recording2 (with timestamp)
X
√ (applicable in Trace Graph2, Soft Panel, Strip
Chart, and Gauge)
Instrument settings options
Save and restore instrument setting
√
√
Time-gated measurements
√
√
Instrument preset settings
√
√
FDO table parameters
√
√
Measurement limit and alert functions
Limit and alert notification
X
√
Alert summary
X
√
Support function
Print application screen
√
√
Relative:
Displays all successive measure-
ments relative to the last referenced
value
Offset:
Allows power measurements to be
offset by –100 dB to +100 dB, con-
figurable in 0.001 dB increments, to
compensate for external loss or gain
Duty cycle:
Duty cycle values between 0.001% to
99.999% can be entered in incre-
ments of 0.01% to display a pulse
power representation of measured
power. The following equation is
used to calculate the displayed pulse
power value: Pulse Power = Measured
Power/Duty Cycle
Limits:
High and low limits can be set in
the range between –150.00 dBm
to +230.000 dBm, in 0.001 dBm
increments
Preset default values:
Channel Offset (dB) = 0, Duty Cycle
Off, Frequency 50 MHz, AUTO Aver-
age, AUTO Range, Free Run Mode,
dBm mode
Using the U2000 Series with the N1918A Power Analysis Manager (continued)
20 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com