Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W255 Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # W255
Description  200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W255 Datasheet(HTML) 7 Page - SpectraLinear Inc

  W255 Datasheet HTML 1Page - SpectraLinear Inc W255 Datasheet HTML 2Page - SpectraLinear Inc W255 Datasheet HTML 3Page - SpectraLinear Inc W255 Datasheet HTML 4Page - SpectraLinear Inc W255 Datasheet HTML 5Page - SpectraLinear Inc W255 Datasheet HTML 6Page - SpectraLinear Inc W255 Datasheet HTML 7Page - SpectraLinear Inc W255 Datasheet HTML 8Page - SpectraLinear Inc W255 Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
W255
Rev 1.0, November 25, 2006
Page 7 of 9
Layout Example for DDR 2.5V Only
FB
+2.5V Supply
C4
10 mF
0.005 mF
G
G
VDDQ2
C3
48
47
46
45
44
43
42
41
40
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
G
V
G = VIA to GND plane layer
V = VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Ceramic Caps C3 = 10–22
F
C4 = 0.005 F
FB = Dale ILB1206 - 300 (300
@ 100 MHz) or TDK ACB 2012L-120
All bypass caps = 0.1 F ceramic
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com