Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6285S Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6285S
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285S Datasheet(HTML) 4 Page - STMicroelectronics

  L6285S Datasheet HTML 1Page - STMicroelectronics L6285S Datasheet HTML 2Page - STMicroelectronics L6285S Datasheet HTML 3Page - STMicroelectronics L6285S Datasheet HTML 4Page - STMicroelectronics L6285S Datasheet HTML 5Page - STMicroelectronics L6285S Datasheet HTML 6Page - STMicroelectronics L6285S Datasheet HTML 7Page - STMicroelectronics L6285S Datasheet HTML 8Page - STMicroelectronics L6285S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CHANNEL A AND CHANNEL B (UNIPOLAR MOTORS)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDSONL
Low Side DMOS ON Res.
IDS = 0.7A
1.2
RDSONH
High Side DMOS ON Res.
IDS = 0.7A
1.2
IDSSL
Low Side DMOS Leakage
Current
VDS = 60V; output OFF
2
mA
IDSSH
High Side DMOS Leakage
Current
VP = 30V; VO= 0V
-1.5
mA
VREF
Voltage reference to the
Comparator
LEVEL 1
LEVEL 2
LEVEL 3
LEVEL 4
100
220
340
465
125
250
375
500
150
280
410
535
mV
mV
mV
mV
Td
Turn OFF Delay on HIGH
Side DMOS after the
Sensing Current Reach the
Threshold Value
(note 2)
1
µs
fmax
Max Chopping Frequency
40
KHz
CHANNEL C (DC MOTORS) (see Fig. 5)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fosc
Oscillator Frequency
Cosc = 3.3nF; V1 = 2/3VS
17
22
28
KHz
DC
Duty Cycle
V2 = 1/2VS
72
75
81
%
Ib2
Comparator Input Bias
V2 = 200mV
-1
µA
Vlow
Open Drain Output
I = 5mA
0.2
0.4
V
RDSONH
High Side DMOS ON Res.
IDS = 0.7A
1.2
RDSONL
Low Side DMOS ON Res.
IDS = 0.7A
1.7
ILH
HSD MOS Leakage Current
VP = 30V; VO =0V
-1
mA
ILL
LSD MOS Leakage Current
VO = 30V; Vsense = 0V
-1.5
mA
Vfddc
Forward Diode DC Voltage
(DMOS Diode)
Ifdcc = 0.7A
1.4
2
V
fmax
Max Chopping Frequency
40
KHz
Vboot
Voltage on pin Boot1
Vp +7
V
ILboot
Leakage Current on pin Boot1
Vbott =Vp +12V; Vp = 26.5V
200
µA
LOGIC LEVEL
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VinL
Input Low Voltage
-0.3
1.35
V
VinH
Input High Voltage
3.15
VS+0.3
V
IinL
Input Low Current
Vin =VinL
-10
µA
IinH
Input High Current
Vin =VinH
10
µA
ELECTRICAL CHARACTERISTICS (Tj =25
°C, Vs = 5V, Vp = 24V unless othewise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vp
Power Supply Voltage
9
26.5
V
Ip
Quiescent Power Supply
Current
(note 1)
7
mA
Vs
Logic Supply Voltage
4.5
5.5
V
Is
Quiescent Logic Supply
Current
(note 1)
20
mA
L6285
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com