Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1063 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1063
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063 Datasheet(HTML) 4 Page - Analog Devices

  LTC1063 Datasheet HTML 1Page - Analog Devices LTC1063 Datasheet HTML 2Page - Analog Devices LTC1063 Datasheet HTML 3Page - Analog Devices LTC1063 Datasheet HTML 4Page - Analog Devices LTC1063 Datasheet HTML 5Page - Analog Devices LTC1063 Datasheet HTML 6Page - Analog Devices LTC1063 Datasheet HTML 7Page - Analog Devices LTC1063 Datasheet HTML 8Page - Analog Devices LTC1063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1065
1065fb
INPUT FREQUENCY (kHz)
1
10
100
1065 G06
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
B
C
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
E. fCLK = 5MHz
VIN = 1.4VRMS
TA = 25°C
E
D
INPUT FREQUENCY (kHz)
1
10
100
1065 G05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
B
C
D
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
VIN = 1.4VRMS
TA = 25°C
INPUT FREQUENCY (kHz)
1
10
100
1065 G04
B
C
VIN = 750mVRMS
TA = 25°C
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
A. fCLK = 0.5MHz
B. fCLK = 1MHz
C. fCLK = 2MHz
ELECTRICAL C
C
HARA TERISTICS
Output Offset vs Clock,
Medium Clock Rates
Self-Clocking Frequency vs R
Output Offset vs Clock,
Low Clock Rates
EXTERNAL CLOCK FREQUENCY (kHz)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1065 G03
500
1000
0
VS = ±7.5V
VS = ±5V
VS = ±2.5V
FREQUENCY (kHz)
110
100
90
80
70
60
50
40
30
20
10
1065 G01
100
300
500
LTC1065
R
C
4
5
C = 200pF
fOSC ≅ 1/RC
Gain vs Frequency; VS = ±7.5V
Gain vs Frequency; VS = ±2.5V
Gain vs Frequency; VS = ±5V
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The maximum clock frequency is arbitrarily defined as the
frequency at which the filter AC response exhibits
≥ 1dB of gain peaking.
Note 3: At limited temperature ranges (i.e., TA ≤ 50°C) the minimum clock
frequency can be as low as 10Hz. The typical minimum clock frequency is
arbitrarily defined as the clock frequency at which the output DC offset
changes by more than 1mV.
Note 4: The wideband noise specification does not include the clock
feedthrough.
Note 5: To properly evaluate the filter’s harmonic distortion an inverting
output buffer is recommended. An output buffer (although recommended)
is not necessarily needed when measuring output DC offset or wideband
noise (see Figure 3).
Note 6: The output DC offset is optimized for
±5V supply. The output DC
offset shifts when the power supplies change; however, this phenomenon
is repeatable and predictable.
Note 7: The LTC1065C is guaranteed to meet the specified performance
from 0
°C to 70°C and is designed, characterized and expected to meet
specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC1065I is guaranteed to meet
specified performance from –40
°C to 85°C.
EXTERNAL CLOCK FREQUENCY (Hz)
50
45
40
35
30
25
20
15
10
5
0
1065 G02
10
110
210
A
B
A. TA = 25°C
B. TA = 85°C
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com