Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-1 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 5 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LTC1069-1
5
10691fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Clock
Frequency
Output Voltage Swing vs
Temperature
Dynamic Range
THD + Noise vs VIN (VRMS)
THD + Noise vs Frequency
THD + Noise vs Frequency
INPUT VOLTAGE (VRMS)
0.1
0.3
0.65
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
1.0
1.22
2.67
2.0
5.0
10691 G10
fCLK = 500kHz
fIN = 1kHz
VS = 3.3V
VS =
5V
VS =
±5V
INPUT FREQUENCY (kHz)
1
–60
–62
–64
–66
–68
–70
–72
–74
–76
–78
–80
5
4
3
2
10691 G11
fCLK = 500kHz
VIN = 300mVRMS
VS = ±5V
VS = 5V
VS = 3.3V
INPUT FREQUENCY (kHz)
1
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
5
4
3
2
10691 G12
fCLK = 500kHz
VS = 3.3V
VIN = 0.5VRMS
VS = 5V
VIN = 1VRMS
VS = ±5V
VIN = 2VRMS
TOTAL SUPPLY VOLTAGE (±V)
0
1
2
34
10691 G13
5
5
4
3
2
1
0
6
–40°C
25°C
85°C
fCLK = 10Hz
CLOCK FREQUENCY (MHz)
0.1
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.2
0.6
0.8
10691 G14
0.5
1.0 1.2
0.3 0.4
0.7
0.9
VS = 3.3V
VS = ±5V
VS = 5V
AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
5
4
3
2
1
0
–1
–2
–3
–4
–5
10691 G15
VS = ±5V
VS = ±2.5V
VS = ±1.57V
VS = ±1.57V
VS = ±2.5V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com