Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-6 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC1069-6
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices LTC1069-6 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LTC1069-6
7
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Temperature Behavior
The power supply current of the LTC1069-6 has a pos-
itive temperature coefficient. The GBW product of its
internal op amps is nearly constant and the speed of the
device does not degrade at high temperatures. Figure 4a,
Figure 4b and Figure 4c show the behavior of the pass-
band of the device for various supplies and temperatures.
The filter has a passband behavior which is temperature
independent.
Clock Feedthrough
The clock feedthrough is defined as the RMS value of
the clock frequency and its harmonics that are present
at the filter’s Output (Pin 8). The clock feedthrough is
tested with the Input (Pin 4) shorted to AGND (Pin 1) and
depends on PC board layout and on the value of the power
supplies. With proper layout techniques the values of the
clock feedthrough are shown in Table 2.
Table 2. Clock Feedthrough
VS
CLOCK FEEDTHROUGH
3.3V
100µVRMS
5V
170µVRMS
10V
350µVRMS
Any parasitic switching transients during the rising and
falling edges of the incoming clock are not part of the
clock feedthrough specifications. Switching transients
have frequency contents much higher than the applied
clock; their amplitude strongly depends on scope prob-
ing techniques as well as grounding and power supply
bypassing. The clock feedthrough can be reduced by
adding a single RC lowpass filter at the Output (Pin 8).
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and determines the
operating signal-to-noise ratio. The frequency contents
of the wideband noise lie within the filter’s passband.
The wideband noise cannot be reduced by adding post
filtering. The total wideband noise is nearly independent
of the clock frequency and depends slightly on the power
FREQUENCY (kHz)
1
1
2
17
1069-6 F04a
0
–1
–2
5
9
13
3
19
7
11
15
21
VS = SINGLE 3V
VIN = 0.5VRMS
fCLK = 500kHz
fCUTOFF = 10kHz
85°C
–40°C
(4a)
FREQUENCY (kHz)
1
1
2
17
1069-6 F04a
0
–1
–2
5
9
13
3
19
7
11
15
21
VS = SINGLE 5V
VIN = 1VRMS
fCLK = 750kHz
fCUTOFF = 15kHz
85°C
–40°C
FREQUENCY (kHz)
1
1
2
25
1069-6 F04c
0
–1
–2
7
13
19
4
28
10
16
22
31
VS = ±5V
VIN = 1.5VRMS
fCLK = 1MHz
fCUTOFF = 20kHz
85°C
–40°C
(4b)
(4c)
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com