Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

237-M Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 237-M
Description  9 VOLT STRAPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

237-M Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  237-M Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED 9 VOLT BATTERY STRAPS
ECONOMY 9 VOLT BATTERY STRAPS
28
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
MOLDED
MOLDED
CAT.
*LEAD
CAT.
NO.
LENGTH
NO.
84-4
4.00 (101.6)
81-4
84-6
6.00 (152.4)
81-6
84-8
8.00 (203.2)
81-8
I STYLE
T STYLE
• Insulates and shields 9 Volt battery snap-on connector contacts
• Assures safe secure use, reduces the potential of short circuits and
prevents tampering with battery contacts
• Protects circuits, prevents unwanted electrical discharge due to
unintended grounding
• Protects battery contacts from dust, dirt, and physical damage
• Ideal for rugged applications, made of high impact molded plastic
with integral wire lead strain relief
.960
[24.4]
.500
[12.7]
.312 [7.9]
.500 [12.7]
RED
BLK
.512
[13.0]
.500 [12.7]
.984 [25.0]
.335 [8.5]
RED
BLK
STRAIN
RELIEF
SPECIFICATIONS
Base: ABS
Male/Female Contacts: Brass, Nickel Plate
Wires (Red & Black): #26 AWG, Tinned, .187 (4.8) end strip, UL/CSA1007
*Tolerance on lead length +/-.250 (6.4)
Modifications available with different wire lengths.
84-4
84-6
84-8
81-4
81-6
81-8
MOLDED
MOLDED
CAT.
*LEAD
CAT.
NO.
LENGTH
NO.
2238
4.00 (101.6)
2241
2239
6.00 (152.4)
2242
2240
8.00 (203.2)
2243
• Fully Assembled • Rigid Assembly • Ideal for rugged applications, made of high impact molded plastic with integral wire lead strain relief
Rigidly constructed. Nickel plate, male and female contacts. Female contacts are spring temper. Accepts numerous in-
sertions to meet U.L. approved standards. Provides excellent mechanical strength and low contact resistance. Wires
have tinned copper conductors, PVC insulation and the ends are stripped for easy connection.
Wires are rated to +176°F (+80°C) and 300V and meet UL/CSA #1061/#1007 requirements.
Modifications available with different wire lengths.
SPECIFICATIONS
Contacts: Phosphor Bronze, Nickel Plate
Wire: #26 AWG, 7/34
End Strip: .250 (6.4) Long, Tinned
Base: Polypropylene
*Tolerance on lead length +/-.250 (6.4)
Base Size:
1.062 (27.0)
× .512 (13.0)
Base Size:
1.00 (25.4)
× .512 (13.0)
2241
2242
2243
2238
2239
2240
I STYLE
T STYLE
MOLDED VINYL
MOLDED VINYL
CAT.
CAT.
*LEAD
CAT.
CAT.
NO.
NO.
LENGTH
NO.
NO.
232-M
232
4.00 (101.6)
235-M
235
233-M
233
6.00 (152.4)
236-M
236
234-M
234
8.00 (203.2)
237-M
237
I STYLE
T STYLE
When product cost is of the utmost importance these economy battery straps will suit your needs. Brass con-
tacts, nickel plated with vinyl or ABS covering. Wires have tinned copper conductors, PVC insulation and the
ends are stripped for easy connection. Wires meet UL/CSA #1007 requirements.
Modifications available with different wire lengths
• Fully Assembled • Rigid Assembly
Vinyl Base Size:
1.125 (31.8)
× .530 (13.5)
Vinyl Base Size:
1.000 (24.5)
× .528 (13.4)
SPECIFICATIONS
Contacts: Brass, Nickel Plate
Wire: #26 AWG, 7/34
End Strip: .250 (6.4) Long, Tinned
*Tolerance on lead length +/-.250 (6.4)
Molded ABS Base Size:
.984 (25.0)
× .469 (11.9)
(Strain Relief)
Molded ABS Base Size:
.965 (25.0)
× .469 (11.9)
(Strain Relief)
232-M
233-M
234-M
232
233
234
235-M
236-M
237-M
235
236
237
PREMIUM 9 VOLT BATTERY STRAPS
M60Section1FRevA4-COLOR 4/4/13 4:31PM Page30


Similar Part No. - 237-M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-033 GLENAIR-237-033 Datasheet
284Kb / 2P
Jam Nut Mount Hermetic with Double O-Rings
237-051 GLENAIR-237-051 Datasheet
273Kb / 2P
Special Narrow Square Flange Mount Receptacle
237-063 GLENAIR-237-063 Datasheet
286Kb / 2P
Special Hermetic Jam Nut Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
237-127Z122-41W GLENAIR-237-127Z122-41W Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
More results

Similar Description - 237-M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Bud Industries, Inc.
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
logo
Hammond Manufacturing L...
18S20 HAMMOND-18S20 Datasheet
133Kb / 2P
Terminal Straps and Brackets
logo
List of Unclassifed Man...
09087 ETC2-09087 Datasheet
194Kb / 1P
Premium Fixed Size Metal Expansion Wrist Straps
12BH613-GR ETC2-12BH613-GR Datasheet
78Kb / 1P
9 Volt Battery Holder without Snaps
logo
ON Semiconductor
NIS4461 ONSEMI-NIS4461 Datasheet
257Kb / 12P
9 to 24 Volt Electronic Fuse
March, 2021 ??Rev. 2
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
AMWS BERTECH-AMWS Datasheet
113Kb / 1P
ESD Metal Wrist Straps
logo
Lapp.
4571196 LAPP-4571196 Datasheet
71Kb / 1P
Flat groud straps with sleeves
07.08.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com