Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C82 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CS82C82
Description  CMOS Octal Latching Bus Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C82 Datasheet(HTML) 6 Page - Intersil Corporation

  CS82C82 Datasheet HTML 1Page - Intersil Corporation CS82C82 Datasheet HTML 2Page - Intersil Corporation CS82C82 Datasheet HTML 3Page - Intersil Corporation CS82C82 Datasheet HTML 4Page - Intersil Corporation CS82C82 Datasheet HTML 5Page - Intersil Corporation CS82C82 Datasheet HTML 6Page - Intersil Corporation CS82C82 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
279
Burn-In Circuits
MD82C82 CERDIP
MR82C82 CLCC
NOTES:
1. VCC = 5.5 ± 0.5V, GND = 0V.
2. VIH = 4.5V ±10%.
3. VIL = -0.2V to 0.4V.
4. R1 = 47kΩ ±5%.
5. R2 = 2.0kΩ ±5%.
6. R3 = 4.2kΩ ±5%.
7. R4 = 470kΩ ±5%.
8. C1 = 0.01µF minimum.
9. F0 = 100kHz ±10%.
10. F1 = F0/2, F2 = F1/2.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
R1
F2
A
R2
VCC
R1
F2
R1
F2
R1
F2
R1
F2
R1
F2
R1
F2
R1
F2
R1
F0
R1
A
A
A
A
A
A
A
A
F1
VCC
C1
R2
R3
R3
F2
VCC/2
C1
4
5
6
7
8
10
11
12
13
9
32
1
20
19
16
17
18
15
14
R3
VCC/2
R3
VCC/2
R3
VCC/2
R3
VCC/2
R3
VCC/2
R3
R3
R3
R3
R3
F2
F2
F2
F2
F2
R3
F2
R3
F2
R3
R3
R3
R3
F0
F1 VCC/2
VCC
VCC/2
82C82



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com