Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP80C88Z Datasheet(PDF) 21 Page - Intersil Corporation

Part # CP80C88Z
Description  CMOS 8-/16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP80C88Z Datasheet(HTML) 21 Page - Intersil Corporation

Back Button CP80C88Z Datasheet HTML 17Page - Intersil Corporation CP80C88Z Datasheet HTML 18Page - Intersil Corporation CP80C88Z Datasheet HTML 19Page - Intersil Corporation CP80C88Z Datasheet HTML 20Page - Intersil Corporation CP80C88Z Datasheet HTML 21Page - Intersil Corporation CP80C88Z Datasheet HTML 22Page - Intersil Corporation CP80C88Z Datasheet HTML 23Page - Intersil Corporation CP80C88Z Datasheet HTML 24Page - Intersil Corporation CP80C88Z Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
FN2949.4
February 22, 2008
AC Electrical Specifications
VCC = 5.0V±10%; TA = 0°C to +70°C (C80C88, C80C88-2)
VCC = 5.0V±10%; TA = -40°C to +85°C (I80C88, I80C88-2)
VCC = 5.0V±10%; TA = -55°C to +125°C (M80C88)
MAX MODE SYSTEM (USING 82C88 BUS CONTROLLER)
SYMBOL
PARAMETER
TEST CONDITIONS
80C88
80C88-2
UNITS
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
(1)
TCLCL
CLK Cycle Period
200
-
125
-
ns
(2)
TCLCH
CLK Low Time
118
-
68
-
ns
(3)
TCHCL
CLK High Time
69
-
44
-
ns
(4)
TCH1CH2
CLK Rise Time
From 1.0V to 3.5V
-
10
-
10
ns
(5)
TCL2CL1
CLK Fall Time
From 3.5V to 1.0V
-
10
-
10
ns
(6)
TDVCL
Data in Setup Time
30
-
20
-
ns
(7)
TCLDX1
Data In Hold Time
10
-
10
-
ns
(8)
TR1VCL
RDY Setup Time into 82C84
(Notes 13,14)
35
-
35
-
ns
(9)
TCLR1X
RDY Hold Time into 82C84
(Notes 13,14)
0-
0
-
ns
(10)
TRYHCH
READY Setup Time into 80C88
118
-
68
-
ns
(11)
TCHRYX
READY Hold Time into 80C88
30
-
20
-
ns
(12)
TRYLCL
READY Inactive to CLK (Note15)
-8
-
-8
-
ns
(13)
TlNVCH
Setup Time for Recognition
(lNTR, NMl, TEST) (Note 14)
30
-
15
-
ns
(14)
TGVCH
RQ/GT Setup Time
30
-
15
-
ns
(15)
TCHGX
RQ Hold Time into 80C88 (Note 16)
40
TCHCL +
10
30
TCHCL +
10
ns
(16)
TILlH
Input Rise Time (Except CLK)
From 0.8V to 2.0V
-15
-15
ns
(17)
TIHIL
Input Fall Time (Except CLK)
From 2.0V to 0.8V
-15
-15
ns
TIMING RESPONSES
(18)
TCLML
Command Active Delay (Note
13)
CL = 100pF
for all 80C88 outputs in
addition
to
internal
loads.
5
35535
ns
(19)
TCLMH
Command Inactive (Note
13)
5
35535
ns
(20)
TRYHSH
READY Active to Status Passive
(Notes
15, 17)
-110
-
65
ns
(21)
TCHSV
Status Active Delay
10
110
10
60
ns
(22)
TCLSH
Status Inactive Delay (Note 17)
10
130
10
70
ns
(23)
TCLAV
Address Valid Delay
10
110
10
60
ns
(24)
TCLAX
Address Hold Time
10
-
10
-
ns
(25)
TCLAZ
Address Float Delay
TCLAX
80
TCLAX
50
ns
(26)
TCHSZ
Status Float Delay
-
80
-
50
ns
(27)
TSVLH
Status Valid to ALE High (Note
13)-
20
-
20
ns
(28)
TSVMCH
Status Valid to MCE High (Note
13)-
30
-
30
ns
(29)
TCLLH
CLK Low to ALE Valid (Note
13)-
20
-
20
ns
(30)
TCLMCH
CLK Low to MCE High (Note
13)-
25
-
25
ns
(31)
TCHLL
ALE Inactive Delay (Note
13)
4
18418
ns
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com