Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2228CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2228CS
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2228CS Datasheet HTML 1Page - Intersil Corporation EL2228CS Datasheet HTML 2Page - Intersil Corporation EL2228CS Datasheet HTML 3Page - Intersil Corporation EL2228CS Datasheet HTML 4Page - Intersil Corporation EL2228CS Datasheet HTML 5Page - Intersil Corporation EL2228CS Datasheet HTML 6Page - Intersil Corporation EL2228CS Datasheet HTML 7Page - Intersil Corporation EL2228CS Datasheet HTML 8Page - Intersil Corporation EL2228CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7008.2
EL2228
Dual Low Noise Amplifier
The EL2228 is a dual, low-noise amplifier, ideally suited to
filtering applications in ADSL and HDSLII designs. It features
low noise specification of just 4.9nV/
√Hz and 1.2pA/√Hz,
making it ideal for processing low voltage waveforms.
The EL2228 has a -3dB bandwidth of 80MHz and is gain-
of-1 stable. It also affords minimal power dissipation with a
supply current of just 4.5mA per amplifier. The amplifier can
be powered from supplies ranging from ±2.5V to ±12V.
The EL2228 is available in a space saving 8 Ld MSOP
package as well as the industry-standard 8 Ld SOIC. It is
specified for operation over the -40°C to +85°C temperature
range.
Pinout
EL2228
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
-
+
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
Features
• Voltage noise of only 4.9nV/
√Hz
• Current noise of only 1.2pA/
√Hz
• Bandwidth (-3dB) of 80MHz -@ AV = +1
• Gain-of-1 stable
• Just 4.5mA per amplifier
• 8 Ld MSOP package
• ±2.5V to ±12V operation
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL filters
• HDSLII filters
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• Wideband sensors
Ordering Information
PART
NUMBER
PART
MARKING
TEMP RANGE (°C)
TAPE & REEL
PACKAGE
PKG. DWG. #
EL2228CY
N
-40 to +85
-
8 Ld MSOP (3.0mm)
MDP0043
EL2228CY-T13
N
-40 to +85
13”
8 Ld MSOP (3.0mm)
MDP0043
EL2228CY-T7
N
-40 to +85
7”
8 Ld MSOP (3.0mm)
MDP0043
EL2228CYZ (Note)
BAAAV
-40 to +85
-
8 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL2228CYZ-T13 (Note)
BAAAV
-40 to +85
13”
8 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL2228CYZ-T7 (Note)
BAAAV
-40 to +85
7”
8 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL2228CS
2228CS
-40 to +85
-
8 Ld SOIC (150 mil)
MDP0027
EL2228CS-T13
2228CS
-40 to +85
13”
8 Ld SOIC (150 mil)
MDP0027
EL2228CS-T7
2228CS
-40 to +85
7”
8 Ld SOIC (150 mil)
MDP0027
EL2228CSZ (Note)
2228CSZ
-40 to +85
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL2228CSZ-T13 (Note)
2228CSZ
-40 to +85
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL2228CSZ-T7 (Note)
2228CSZ
-40 to +85
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
May 3, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2003, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL2228CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228CS ELANTEC-EL2228CS Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CS INTERSIL-EL2228CS Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
logo
Renesas Technology Corp
EL2228CS RENESAS-EL2228CS Datasheet
640Kb / 12P
Dual Low Noise Amplifier
logo
Elantec Semiconductor
EL2228CS-T13 ELANTEC-EL2228CS-T13 Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CS-T13 INTERSIL-EL2228CS-T13 Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
More results

Similar Description - EL2228CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com