Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8201ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8201ACPZN-R7
Description  DC to 30GHz, RF Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8201ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8201ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADL8201
DC to 30GHz, RF Limiter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2026 Analog Devices, Inc. All rights reserved.
FEATURES
►
Wideband frequency range: DC to 30GHz
►
Insertion loss
►
0.3dB typical from 0.01GHz to 20GHz
►
0.7dB typical from 20GHz to 30GHz
►
Power handling
►
37dBm continuous wave typical to 6GHz
►
>44dBm pulsed typical to 2GHz
►
Flat leakage
►
17dBm typical from 0.01GHz to 20GHz
►
15dBm typical from 20GHz to 30GHz
►
Recovery time: <10ns
►
Extended operating temperature range: −55°C to +125°C
►
RoHS-compliant, 2mm × 2mm × 0.85mm, 8-lead LFCSP
APPLICATIONS
►
RF transceivers
►
Radar applications
►
Test and measurement
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL8201 is a DC to 30GHz, high power, reflective RF limiter
ensuring protection of sensitive circuitry.
Typical insertion loss, input return loss (RFIN), and flat leakage
are 0.7dB, 18dB, and 15dBm, respectively, from 20GHz to 30GHz.
The ADL8201 can withstand 37dBm continuous wave at 6GHz and
>44dBm pulsed RF input to 2GHz. The recovery time is less than
10ns. The ADL8201 is internally matched to 50Ω and does not
require any external circuitry.
The ADL8201 is fabricated on a gallium arsenide (GaAs) and
housed in an RoHS-compliant, 2mm × 2mm × 0.85mm, 8-lead
LFCSP. The ADL8201 is specified for operation over an extended
temperature range of −55°C to +125°C.


Similar Part No. - ADL8201ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8201ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL9011 ETC-TL9011 Datasheet
99Kb / 1P
RF LIMITER
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG Datasheet
486Kb / 14P
5-30GHz ATTENUATOR
logo
API Technologies Corp
TL9011 APITECH-TL9011 Datasheet
76Kb / 1P
RF LIMITER MODEL
TL9010 APITECH-TL9010 Datasheet
86Kb / 1P
RF LIMITER MODEL
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG_15 Datasheet
314Kb / 14P
5-30GHz ATTENUATOR
logo
Renesas Technology Corp
F5728 RENESAS-F5728 Datasheet
251Kb / 3P
mmWave Upconverter/Downconverter 24GHz to 30GHz
logo
Vishay Barry
AV0904GA-0200JN-91 BARRY-AV0904GA-0200JN-91 Datasheet
180Kb / 2P
.75W 2dB DC-30GHz Chip Attenuator
AV0904GA-0400JN-91 BARRY-AV0904GA-0400JN-91 Datasheet
174Kb / 2P
.75W 4dB DC-30GHz Chip Attenuator
REV. NOV 8 2016
AV0904GA-0800JN-91 BARRY-AV0904GA-0800JN-91 Datasheet
173Kb / 2P
.75W 8dB DC-30GHz Chip Attenuator
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com