Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS85MS Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCTS85MS
Description  Radiation Hardened 4-Bit Magnitude Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS85MS Datasheet(HTML) 9 Page - Intersil Corporation

  HCTS85MS Datasheet HTML 1Page - Intersil Corporation HCTS85MS Datasheet HTML 2Page - Intersil Corporation HCTS85MS Datasheet HTML 3Page - Intersil Corporation HCTS85MS Datasheet HTML 4Page - Intersil Corporation HCTS85MS Datasheet HTML 5Page - Intersil Corporation HCTS85MS Datasheet HTML 6Page - Intersil Corporation HCTS85MS Datasheet HTML 7Page - Intersil Corporation HCTS85MS Datasheet HTML 8Page - Intersil Corporation HCTS85MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
HCTS85MS
Die Characteristics
DIE DIMENSIONS:
100 x 100 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY: <2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS85MS
B3
(1)
(A<B)IN
(2)
(A=B)IN(3)
(A>B)IN(4)
(A<B)OUT(5)
(A=B)OUT(6)
(A>B)OUT
(7)
GND
(8)
B0
(9)
A0
(10)
(11) B1
(12) A1
(13) A2
(14) B2
VCC
(16)
A3
(15)
Spec Number
518624



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com