Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6375 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6375
Description  0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375 Datasheet(HTML) 4 Page - STMicroelectronics

  L6375 Datasheet HTML 1Page - STMicroelectronics L6375 Datasheet HTML 2Page - STMicroelectronics L6375 Datasheet HTML 3Page - STMicroelectronics L6375 Datasheet HTML 4Page - STMicroelectronics L6375 Datasheet HTML 5Page - STMicroelectronics L6375 Datasheet HTML 6Page - STMicroelectronics L6375 Datasheet HTML 7Page - STMicroelectronics L6375 Datasheet HTML 8Page - STMicroelectronics L6375 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
L6375
4/12
ELECTRICAL CHARACTERISTCS
(VS =24V; Tj = –25 to +125°C, unless otherwise specified; pin numbering referred to Minidip package)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vsmin
3
Supply Voltage for Valid
Diagnostic
Idiag = >0.5mA;Vdiag = 1.5V;
435
V
Vs
3
Operative Supply Voltage
8
24
35
V
Vsth1
3
Undervoltage Threshold 1
(See fig. 2)
7
7.5
8
V
Vsth2
3
Undervoltage Threshold 2
(See fig. 2)
6.5
7
7.5
V
Vshys
3
Under Voltage Hysteresis
300
500
700
mV
Iq
3
Quiescent Current
Output Open
800
µA
Iqo
3
Quiescent Current
Output On
1.6
mA
Vith
7
Input Threshold Voltage
0.8
1.3
2
V
Viths
7
Input Threshold Hysteresis
50
400
mV
Vil
7
Input Low Level Voltage
-7
0.8
V
Vih
7
Input High Level Voltage
Vs< 18V
2
Vs -3
V
Vih
7
Input High Level Voltage
Vs> 18V
2
15
V
Iib
7
Input Bias Current
Vi = -7 to 15V
-250
250
µA
Idch
5
Delay Capacitor Charging
Current
ON DELAY pin shorted to
Ground
2.5
µA
Vdon
Output Voltage Drop
Iout = 500mA Tj =25°C
Tj = 125°C
Iout = 625mA Tj =25°C
Tj = 125°C
200
320
250
400
280
440
350
550
mV
mV
mV
mV
Iolk
2
Output Leakage Current
Vi = LOW; Vout=0
100
µA
Vol
2
Output Low State Voltage
Vi = HIGH; pin floating
0.8
1.5
V
Vcl
2
Internal Voltage Clamp (Vs-Vout) Io = 200mA
single pulsed =300
µs
48
53
58
V
Isc
2
Short Circuit Output Current
Vs = 8 to 35V; Rl =2
Ω;
0.75
1.1
1.5
A
Iold
2
Open Load Detection Current
Vi =Vih;Tamb = 0 to +85°C1
3
6
mA
Voth1
5.6
Output Status Threshold 1
Voltage
(See fig. 1)
4.5
5
5.5
V
Voth2
5.6
Output Status Threshold 2
Voltage
(See fig. 1)
4
4.5
5
V
Vohys
5.6
Output Status Threshold
Hysteresis
(See fig. 1)
300
500
700
mV
Iosd
5.6
Output Status Source Current
Vout >Voth1 ;Vos = 2.5V
24
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com