Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6376 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6376
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376 Datasheet(HTML) 4 Page - STMicroelectronics

  L6376 Datasheet HTML 1Page - STMicroelectronics L6376 Datasheet HTML 2Page - STMicroelectronics L6376 Datasheet HTML 3Page - STMicroelectronics L6376 Datasheet HTML 4Page - STMicroelectronics L6376 Datasheet HTML 5Page - STMicroelectronics L6376 Datasheet HTML 6Page - STMicroelectronics L6376 Datasheet HTML 7Page - STMicroelectronics L6376 Datasheet HTML 8Page - STMicroelectronics L6376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Vs = 24V; Tj = -25 to 125
°C; unless otherwise specified.)
DC OPERATION (Pin numering referred to PowerSO20 package).
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
6
Supply Voltage
9.5
24
35
V
Vsth
UV UpperThreshold
8.5
9
9.5
V
Vshys
UV Hysteresis
200
500
800
mV
Iqsc
Quiescent Current
Outputs ON, No load
3
5
mA
Vil
12,13,
14,15,
18
Input Low Level
0
0.8
V
Vih
Input High Level
2
40
V
Ibias
Input Bias Current
Vi =0V
-5
-1
0
µA
Vi = 40V
0
5
20
µA
Vihys
Input Comparators Hysteresis
100
200
400
mV
Θlim
OVT Upper Threshold
150
°C
ΘH
Threshold Hysteresis
20
30
°C
Isc
2, 3,
8, 9
Short Circuit Current
Vs=9.5 to 35V; Rl =2
Ω
0.65
0.9
1.2
A
Output Voltage Drop
Iout =500mA
; Tj =25°C
320
500
mV
Iout =500mA
; Tj =125°C
460
640
mV
Iolk
Output Leakage Current
Vo=0V; Vi<0.8V
100
µA
Vcl
Internal Voltage Clamp
(Vs-Vo each Output)
Io=100mA
single pulsed Tp=300
µs
47
52
57
V
Vol
Low State Output Voltage
Vi =Vil;RL =
∞
0.8
1.5
V
Idlkg
19
Diagnostic Output Leakage
Diagnostic Off
25
µA
Vdiag
Diagnostic Output Voltage
Drop
Idiag = 5mA
1.5
V
Idch
16, 17
Delay Capacitors Charge
Current
40
µA
L6376
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com