Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV6224 Datasheet(PDF) 1 Page - ebm-papst

Part # DV6224
Description  DC diagonal compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

DV6224 Datasheet(HTML) 1 Page - ebm-papst

  DV6224 Datasheet HTML 1Page - ebm-papst DV6224 Datasheet HTML 2Page - ebm-papst DV6224 Datasheet HTML 3Page - ebm-papst DV6224 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC diagonal compact fan
sickled blades (S series)
DV 6224
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Str. 1
D-78112 St. Georgen
Phone +49 (0) 7724 81-0
Fax +49 (0) 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
DV 6224
Nominal voltage
VDC
24
Nominal voltage range
VDC
16 .. 28
Speed
min-1
4300
Power input
W
40.0
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
75
Air flow
m3/h
540
Sound power level
B
7.1
Sound pressure level
dB(A)
63
ml = Max. load · me = Max. efficiency · fa = Running at free air · cs = Customer specs · cu = Customer unit
Subject to alterations
Web data sheet · Page 1 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - DV6224

ManufacturerPart #DatasheetDescription
logo
ebm-papst
DV6224 EBMPAPST-DV6224 Datasheet
328Kb / 2P
DC diagonal fan
DV6224 EBMPAPST-DV6224 Datasheet
111Kb / 1P
Ball bearing
DV6224 EBMPAPST-DV6224 Datasheet
426Kb / 3P
DC diagonal fans
DV6224TD EBMPAPST-DV6224TD Datasheet
370Kb / 4P
DC diagonal compact fan
DV6224 EBMPAPST-DV6224_16 Datasheet
370Kb / 4P
DC diagonal compact fan
More results

Similar Description - DV6224

ManufacturerPart #DatasheetDescription
logo
ebm-papst
DV6224 EBMPAPST-DV6224 Datasheet
328Kb / 2P
DC diagonal fan
DV4114N EBMPAPST-DV4114N Datasheet
239Kb / 4P
DC diagonal compact fan
DV6224 EBMPAPST-DV6224_16 Datasheet
370Kb / 4P
DC diagonal compact fan
DV4112N EBMPAPST-DV4112N Datasheet
342Kb / 4P
DC diagonal compact fan
DV4118N EBMPAPST-DV4118N Datasheet
342Kb / 4P
DC diagonal compact fan
DV5212N EBMPAPST-DV5212N Datasheet
389Kb / 4P
DC diagonal compact fan
DV5214N EBMPAPST-DV5214N Datasheet
389Kb / 4P
DC diagonal compact fan
DV5218N EBMPAPST-DV5218N Datasheet
390Kb / 4P
DC diagonal compact fan
DV6224TD EBMPAPST-DV6224TD Datasheet
370Kb / 4P
DC diagonal compact fan
DV63182TDH4P EBMPAPST-DV63182TDH4P Datasheet
240Kb / 4P
DC diagonal fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com