Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC016 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 10Page - National Semiconductor (TI) CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) CLC016 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Product Description (Continued)
INPUT INTERFACES
The CLC016 provides high impedance inputs which accept
differential or single-ended input drive. The detailed electri-
cal specifications are found in the Electrical Characteris-
tics page. Recommended interfaces for the CLC016 follow.
Four conditions should be observed when interfacing to the
CLC016 inputs:
•
Keep input levels within specified common-mode input
range.
•
Provide a bias current path to the inputs.
•
Terminate cable in the proper impedance.
•
Observe the output current requirements of the driving
device.
Figure 16 and Figure 17 show DC and AC coupled interface
examples which meet these four conditions.
OUTPUT INTERFACES
SDO, SDO, SCO, and SCO swing at ECL logic levels when
the correct external components are used. However, the
outputs are not standard emitter-coupled logic outputs. In-
stead, the signals flow from the collectors of the output
transistors. The primary advantage of this architecture is
lower power dissipation. Some example interfaces follow.
Differential Load-Terminated Output Interface
Figure 18 shows an interface to drive signals differentially
over a coaxial cable. The diode establishes V
OH.. The diode-
resistor network sets V
OL. The resistors terminate the cable
in its characteristic impedance.
Differential Source-Terminated Output Interface
Figure 19 is similar to Figure 18 except that the termination
is placed near the output pins.
10008727
FIGURE 15. Output Timing of Clock and Data
10008728
FIGURE 16. Differential 75
Ω Source
10008729
FIGURE 17. AC Coupled Termination
10008730
FIGURE 18. Differential Load-Terminated
Output Interface
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com