Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC018 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.485 Gbps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC018 Datasheet HTML 1Page - National Semiconductor (TI) CLC018 Datasheet HTML 2Page - National Semiconductor (TI) CLC018 Datasheet HTML 3Page - National Semiconductor (TI) CLC018 Datasheet HTML 4Page - National Semiconductor (TI) CLC018 Datasheet HTML 5Page - National Semiconductor (TI) CLC018 Datasheet HTML 6Page - National Semiconductor (TI) CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CLC018
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
General Description
The CLC018 is a fully differential 8x8 digital crosspoint
switch capable of operating at data rates exceeding 1.485
Gbps per channel. Its non-blocking architecture utilizes eight
independent 8:1 multiplexers to allow each output to be
independently connected to any input and any input to be
connected to any or all outputs. Additionally, each output can
be individually disabled and set to a high-impedance state.
This TRI-STATE feature allows flexible expansion to larger
switch array sizes.
Low channel-to-channel crosstalk allows the CLC018 to pro-
vide superior all-hostile jitter of 50 ps
PP. This excellent signal
fidelity along with low power consumption of 850 mW make
the CLC018 ideal for digital video switching plus a variety of
data communication and telecommunication applications.
The fully differential signal path provides excellent noise
immunity, and the I/Os support ECL and PECL logic levels.
In addition, the inputs may be driven single-ended or differ-
entially and accept a wide range of common mode levels
including the positive supply. Single +5V or −5V supplies or
dual +5V supplies are supported. Dual supply mode allows
the control signals to be referenced to the positive supply
(+5V) while the high-speed I/O remains ECL compatible.
The double row latch architecture utilized in the CLC018
allows switch reprogramming to occur in the background
during operation. Activation of the new configuration occurs
with a single “configure” pulse. Data integrity and jitter per-
formance on unchanged outputs are maintained during re-
configuration. Two reset modes are provided. Broadcast
reset results in all outputs being connected to input port DI0.
TRI-STATE Reset results in all outputs being disabled.
The CLC018 is fabricated on a high-performance BiCMOS
process and is available in a 64-lead plastic quad flat pack
(PQFP).
Features
n
Supports SMPTE 259M, SMPTE 344M, and SMPTE
292M
n
Fully differential signal path
n
Non-Blocking
n
Flexible expansion to larger array sizes with very low
power
n
Single +5/−5V or dual ±5V operation
n
TRI-STATE outputs
n
Double row latch architecture
n
64-lead PQFP package
Applications
n
Routing switchers
n
Production switchers
n
Master control switchers
n
Telecom/datacom switchers
n
Storage Area Network (SAM)
n
Packet switching
n
ATM SONET
Key Specifications
n
High speed: >1.485 Gbps
n
Low jitter:
<50 ps
PP for rates <500 Mbps
<100 ps
PP for rates <1.485 Gbps
n
Low power; 850 mW with all outputs active
n
Fast output edge speeds: 250 ps
CLC018 Block Diagram
10008802
10008801
August 2006
© 2006 National Semiconductor Corporation
DS100088
www.national.com


Similar Part No. - CLC018

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
CLC018AJVJQ NSC-CLC018AJVJQ Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
More results

Similar Description - CLC018

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com