Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC030_06 Datasheet HTML 1Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 2Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CLC030
SMPTE 292M/259M Digital Video Serializer with Video
and Ancillary Data FIFOs and Integrated Cable Driver
General Description
The CLC030 SMPTE 292M/259M Digital Video Serializer
with Ancillary Data FIFO and Integrated Cable Driver is a
monolithic integrated circuit that encodes, serializes and
transmits bit-parallel digital video data conforming to SMPTE
125M and 267M standard definition, 10-bit wide component
video and SMPTE 260M, 274M, 295M and 296M high-
definition, 20-bit wide component video standards. The
CLC030 operates at SMPTE 259M serial data rates of
270 Mbps, 360 Mbps, the SMPTE 344M serial data rate of
540 Mbps; and the SMPTE 292M serial data rates of 1483.5
and 1.485 Gbps. The serial data clock frequency is internally
generated and requires no external frequency setting, trim-
ming or filtering components.
The CLC030 performs functions which include: parallel-to-
serial data conversion, SMPTE standard data encoding,
NRZ to NRZI data format conversion, serial data clock gen-
eration and encoding with the serial data, automatic video
rate and format detection, ancillary data packet manage-
ment and insertion, and serial data output driving. The
CLC030 has circuitry for automatic EDH/CRC character and
flag generation and insertion per SMPTE RP-165 (standard
definition) or SMPTE 292M (high definition). Optional LSB
dithering is implemented which prevents pathological pattern
generation. Unique to the CLC030 are its video and ancillary
data FIFOs. The video FIFO allows the video data to be
delayed from 0 to 4 parallel data clock periods for video
timing purposes. The ancillary data port and on-chip FIFO
and control circuitry store and insert ancillary flags, data
packets and checksums into the ancillary data space. The
CLC030 also has an exclusive built-in self-test (BIST) and
video test pattern generator (TPG) with SD and HD compo-
nent video test patterns: reference black, PLL and EQ patho-
logicals and color bars in 4:3 and 16:9 raster formats for
NTSC and PAL standards*. The color bar patterns feature
optional bandwidth limiting coding in the chroma and luma
transitions.
The CLC030 has a unique multi-function I/O port for imme-
diate access to control and configuration settings. This port
may be programmed to provide external access to control
functions and indicators as inputs and outputs. The designer
can thus customize the CLC030 to fit the desired application.
At power-up or after a reset command, the CLC030 is auto-
configured to a default operating condition. Separate power
pins for the output driver, PLL and the serializer improve
power supply rejection, output jitter and noise performance.
The CLC030’s internal circuitry is powered from +2.5V and
the I/O circuitry from a +3.3V supply. Power dissipation is
typically 430mW at 1.485Gbps including two 75
Ω AC-
coupled and back-matched output loads. The device is pack-
aged in a 64-pin TQFP.
Features
n
SDTV/HDTV serial digital video standard compliant
n
Supports 270 Mbps, 360 Mbps, 540 Mbps, 1.4835Gbps
and 1.485 Gbps SDV data rates with auto-detection
n
LSB dithering option
n
No external serial data rate setting or VCO filtering
components required*
n
Fast PLL lock time: < 150µs typical at 1.485 Gbps
n
Adjustable depth video FIFO for timing alignment
n
Built-in self-test (BIST) and video test pattern generator
(TPG)*
n
Automatic EDH/CRC word and flag generation and
insertion
n
On-chip ancillary data FIFO and insertion control
circuitry
n
Flexible control and configuration I/O port
n
LVCMOS compatible data and control inputs and
outputs
n
75
Ω ECL-compatible, differential, serial cable-driver
outputs
n
3.3V I/O power supply, 2.5V logic power supply
operation
n
Low power: typically 430mW
n
64-pin TQFP package
n
Commercial temperature range 0˚C to +70˚C
* Patent applications made or pending.
Applications
n
SDTV/HDTV parallel-to-serial digital video interfaces for:
— Video cameras
— VTRs
— Telecines
— Digital video routers and switchers
— Digital video processing and editing equipment
— Video test pattern generators and digital video test
equipment
— Video signal generators
Order Number CLC030VEC
64-Pin TQFP
NS Package Number VEC-64A
January 2006
© 2006 National Semiconductor Corporation
DS200003
www.national.com


Similar Part No. - CLC030_06

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC030-081B8 CITIZEN-CLC030-081B8 Datasheet
729Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC030-081B8-313H3H3-185 CITIZEN-CLC030-081B8-313H3H3-185 Datasheet
729Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
More results

Similar Description - CLC030_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
SMPTE 259M Digital Video Serializer with Integrated Cable Driver
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com