Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8323IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8323IBZ
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8323IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8323IBZ Datasheet HTML 1Page - Intersil Corporation ISL8323IBZ Datasheet HTML 2Page - Intersil Corporation ISL8323IBZ Datasheet HTML 3Page - Intersil Corporation ISL8323IBZ Datasheet HTML 4Page - Intersil Corporation ISL8323IBZ Datasheet HTML 5Page - Intersil Corporation ISL8323IBZ Datasheet HTML 6Page - Intersil Corporation ISL8323IBZ Datasheet HTML 7Page - Intersil Corporation ISL8323IBZ Datasheet HTML 8Page - Intersil Corporation ISL8323IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pinouts (Note 1)
ISL8323 (SOIC)
TOP VIEW
ISL8324 (SOIC)
TOP VIEW
ISL8325 (SOIC)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
Truth Table
LOGIC
ISL8323
ISL8324
ISL8325
SW 1,2
SW 1,2
SW 1
SW 2
0OFF
ON
OFF
ON
1ON
OFF
ON
OFF
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.7V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. DWG.
#
ISL8323IB
-40 to 85
8 Ld SOIC
M8.15
ISL8323IBZ
(See Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL8324IB
-40 to 85
8 Ld SOIC
M8.15
ISL8324IBZ
(See Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL8325IB
-40 to 85
8 Ld SOIC
M8.15
ISL8325IBZ
(See Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
ISL8323, ISL8324, ISL8325



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com