Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPX1066 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX1066
Description  1.8V, 13.5Gbps Linear ReDriver withAUX Listener for Full Functionality in USB Type-C® Connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX1066 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX1066 Datasheet HTML 1Page - Diodes Incorporated PI2DPX1066 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The PI2DPX1067 is a 1.8V linear ReDriver
supporting USB Type-C for 10Gbps
USB 3.2, and 13.5Gbps DisplayPort 2.1
(UHBR13.5) standards.
The device supports multiple operation modes
through an I2C bus setting for:
USB 3.2 Gen 2 x1 or x2
USB 3.2 Gen 2 x1 and 2-lane DP 2.1
(UHBR10, UHBR13.5)
4-lane DP 2.1 (UHBR10, UHBR13.5)
-with speeds up to 13.5Gbps per channel.
In compliance to USB Type-C connectors with
crossbar switches for SBU pins, the device
integrates an AUX listener and swaps AUX
channels under the flip and non-flip plug.
The PI2DPX1067’s non-blocking linear
ReDriver design ensures that the differential
signals help optimize the overall channel link
adjustment conducted by the system’s
transmitter and receiver. These differential
signals convey pre-shoot and de-emphasis
equalization waveforms from the transmitter
side to the receiver side.
The device’s CTLE equalizers are
implemented at the inputs of the ReDriver to
compensate for channel losses and to reduce
intersymbol interface (ISI) jitter. The CTLE
equalizer’s gains and flat gains are
programmable to support eye opening via the
I2C register.
The PI2DPX1067 is available in the very small
32-pin X2QFN (XUA32) with a 2.85mm x
4.5mm footprint. It operates across the -40
C
to +85
C industrial temperature range.
ReDriver is a trademark of Didoes Incorporated.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
1.8V, 13.5Gbps Linear ReDriver with AUX Listener for
Full Functionality in USB Type-C® Connectivity
PI2DPX1067
December 2025
Applications
▪ Laptops and desktop PCs
▪ VR/AR goggles
▪ Gaming consoles
▪ Active cables
The DIODES Advantage
The PI2DPX1067 is a low-power, 13.5Gbps linear ReDriver
supporting USB 3.2 and DP 2.1 Alt Mode for full functionality in
USB Type-C connectivity.
▪ Flexible USB Type-C (USB 3.2/DP Alt Mode) Operation
▪ 1-port USB 3.2 Gen 2 x1 (SuperSpeed USB 10Gbps)
▪ 1-port USB 3.2 Gen 2 x1 + 2-channel DisplayPort 2.1
(UHBR13.5)
▪ 4-channel DisplayPort 2.1 (UHBR13.5)
▪ 1-port USB 3.2 Gen 2 x2 (SuperSpeed USB 20Gbps)
Programmable Receiver-Side CTLE, Output-Side Flat Gain,
and Swing Linearity Settings
Extends PCB trace lengths while reducing signal latency,
optimizes signal integrity (SI) with AUX listening data rates, and
loads the EQ/FG pre-settings
▪ Automatic Power-Saving Modes for Both USB and DP
Supports USB (U2/U3) and DP (D3) power-saving modes with a
built-in AUX listener, as well as DP 2.1 AUX-less advance link
power management (ALPM)
▪ Programmable Settings via I2C
Enables flexible control and setup for ease of use


Similar Part No. - PI2DPX1066

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1066 DIODES-PI2DPX1066 Datasheet
677Kb / 1P
1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU switch
Rev 4 February 2021
PI2DPX1066XUAEX DIODES-PI2DPX1066XUAEX Datasheet
677Kb / 1P
1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU switch
Rev 4 February 2021
PI2DPX1066XUAIEX DIODES-PI2DPX1066XUAIEX Datasheet
677Kb / 1P
1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU switch
Rev 4 February 2021
More results

Similar Description - PI2DPX1066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
logo
Diodes Incorporated
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com