Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCO104584 Datasheet(PDF) 1 Page - Glamox

Part # PCO104584
Description  PACO-70 BL 1400 DALI 93050°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

PCO104584 Datasheet(HTML) 1 Page - Glamox

  PCO104584 Datasheet HTML 1Page - Glamox PCO104584 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
PACO-70 BL 1400 DALI 930
50°
Item No.
PCO104584
GTIN
5903531045845
Stock status code
B
Technical specifications
Mounting
Product Mounting
Track
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
14
IEC Protection Class
I
Number Of Luminaire MCB 10B
14
Number Of Luminaire MCB 16B
24
Optic
Optic Name
MB50 - Medium Beam 50°
Diffuser Material Design
Clear
Reflector Material
Glass
Optic main category
Reflector
Certificates
Certification
HACCP
Technical Data
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
1400
Lumen Per Watt (lm/W)
100
Lamp colour temp (K)
3000
Colour Rendering Index
>90
MacAdam step
3
Light Source Included
true
Dimmable
true
Driver / Ballast
Type of LED Driver
DALI: Dimming
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Aluminium
Main Body Material Production Method
Die-casted
Body Colour
BL - Black
Main Body Colour Name
Jet black
Main Body Colour RAL code
RAL 9005
Dimensions
Height (mm)
210
Diameter (mm)
70
Item Net Weight (kg)
0.7912
Logistic Data
Item Gross Weight (kg)
0.86


Similar Part No. - PCO104584

ManufacturerPart #DatasheetDescription
logo
Glamox
PCO104581 GLAMOX-PCO104581 Datasheet
170Kb / 2P
PACO-70 WH 1400 DALI930 20°
PCO104583 GLAMOX-PCO104583 Datasheet
170Kb / 2P
PACO-70 WH 1400 DALI940 20°
PCO104585 GLAMOX-PCO104585 Datasheet
175Kb / 2P
PACO-70 WH 1400 DALI930 50°
PCO104586 GLAMOX-PCO104586 Datasheet
170Kb / 2P
PACO-70 BL 1400 DALI 94050°
PCO104587 GLAMOX-PCO104587 Datasheet
175Kb / 2P
PACO-70 WH 1400 DALI940 50°
More results

Similar Description - PCO104584

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
2N4361-2N4371 POWEREX-2N4361-2N4371 Datasheet
796Kb / 4P
Phase Control SCR 70 Amoeres Average(110 RMS) 1400 Volts
logo
Mean Well Enterprises C...
DAP-04 MEANWELL-DAP-04 Datasheet
117Kb / 7P
DALI-PWM Signal Converter
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
logo
LinkCom Manufacturing C...
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
DALI System Master
logo
WAGO Kontakttechnik Gmb...
753-647 WAGO-753-647 Datasheet
539Kb / 13P
DALI Multi-Master
750-641 WAGO-750-641 Datasheet
494Kb / 11P
DALI/DSI Master
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
logo
Weidmuller
2663340000 WEIDMULLER-2663340000 Datasheet
141Kb / 4P
A2C 50/70 BL-DM
2663260000 WEIDMULLER-2663260000 Datasheet
141Kb / 4P
A2C 50/70 BL
logo
Mean Well Enterprises C...
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com