Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C032B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032B
Description  LVDS Quad CMOS Differential Line Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C032B Datasheet HTML 1Page - National Semiconductor (TI) DS90C032B Datasheet HTML 2Page - National Semiconductor (TI) DS90C032B Datasheet HTML 3Page - National Semiconductor (TI) DS90C032B Datasheet HTML 4Page - National Semiconductor (TI) DS90C032B Datasheet HTML 5Page - National Semiconductor (TI) DS90C032B Datasheet HTML 6Page - National Semiconductor (TI) DS90C032B Datasheet HTML 7Page - National Semiconductor (TI) DS90C032B Datasheet HTML 8Page - National Semiconductor (TI) DS90C032B Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS90C032B
LVDS Quad CMOS Differential Line Receiver
General Description
TheDS90C032B is a quad CMOS differential line receiver
designed for applications requiring ultra low power dissipa-
tion and high data rates. The device is designed to support
data rates in excess of 155.5 Mbps (77.7 MHz) utilizing Low
Voltage Differential Signaling (LVDS) technology.
TheDS90C032B accepts low voltage (350 mV) differential
input signals and translates them to CMOS (TTL compatible)
output levels. The receiver supports a TRI-STATE® function
that may be used to multiplex outputs. The receiver also
supports OPEN Failsafe and terminated (100
Ω) input Fail-
safe with the addition of external failsafe biasing. Receiver
output will be HIGH for both Failsafe conditions.
The DS90C032Bprovides power-off high impedance LVDS
inputs. This feature assures minimal loading effect on the
LVDS bus lines when V
CC is not present.
The DS90C032Band companion line driver (DS90C031B)
provide a new alternative to high power pseudo-ECL devices
for high speed point-to-point interface applications.
Features
n >
155.5 Mbps (77.7 MHz) switching rates
n
Accepts small swing (350 mV) differential signal levels
n
High Impedance LVDS inputs with power down
n
Ultra low power dissipation
n
600 ps maximum differential skew (5V, 25˚C)
n
6.0 ns maximum propagation delay
n
Industrial operating temperature range
n
Available in surface mount packaging (SOIC)
n
Pin compatible with DS26C32A, MB570 (PECL) and
41LF (PECL)
n
Supports OPEN and terminated input failsafe
n
Conforms to ANSI/TIA/EIA-644 LVDS standard
Connection Diagram
Dual-In-Line
10099001
Order Number
DS90C032BTM
See NS Package
Number M16A
Functional Diagram
10099002
Receiver Truth Table
ENABLES
INPUTS
OUTPUT
EN
EN*
R
IN+ −RIN−
R
OUT
LH
X
Z
All other
combinations
of ENABLE
inputs
V
ID
≥ 0.1V
H
V
ID
≤ −0.1V
L
Failsafe OPEN
H
or Terminated
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
September 2003
© 2003 National Semiconductor Corporation
DS100990
www.national.com


Similar Part No. - DS90C032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032B TI2-DS90C032B Datasheet
653Kb / 16P
DS90C032B LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
logo
National Semiconductor ...
DS90C032BTM NSC-DS90C032BTM Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032BTM TI1-DS90C032BTM Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90C032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com