Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp DA9213 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 28
VOUT
FBAP
R1
R2
FBAN
Figure 19. Resistive Divider from VOUT to FBAN
For example, to program the output voltage VOUT to 1.8 V, with VREF set to 1.2 V,
suggest 10 kΩ on R1 and
20
kΩ on R2.
Note: The resistors need to be properly selected since the output voltage accuracy will be directly affected by
any errors on the resistors. The voltage across FBAP and FBAN (VREF) is guaranteed, but not the output
voltage accuracy.
CAUTION
The followings are important notes that need to be considered before using resistive divider on DA9213, DA9214, and
DA9215:
1. Please contact your region's Renesas representative when adopting the resistive divider technique. Renesas need to
prepare a special OTP because incorrect OTP settings may result in a different output voltage than expected.
2. The voltage difference between input voltage and output voltage needs to be:
above 1.2 V, VIN - VOUT > 1.2 V.
3. The total resistance (R1 +
R2) is less than 40 kΩ.
4. It is recommended that the device is operated in PWM mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com