Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7005 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7005
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7005 Datasheet HTML 15Page - Analog Devices ADPA7005 Datasheet HTML 16Page - Analog Devices ADPA7005 Datasheet HTML 17Page - Analog Devices ADPA7005 Datasheet HTML 18Page - Analog Devices ADPA7005 Datasheet HTML 19Page - Analog Devices ADPA7005 Datasheet HTML 20Page - Analog Devices ADPA7005 Datasheet HTML 21Page - Analog Devices ADPA7005 Datasheet HTML 22Page - Analog Devices ADPA7005 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADPA7005
BIASING ADPA7005 WITH THE HMC980LP4E
analog.com
Rev. A | 19 of 24
The HMC980LP4E is an active bias controller that measures and
regulates drain current by automatically adjusting the gate voltage.
The HMC980LP4E can control the biasing of RF amplifiers with
drain voltages up to 16.5 V and currents up to 1.6 A. The control-
ler provides constant drain current biasing over temperature and
device to device variation, and properly sequences gate and drain
voltages to ensure the safe operation of the amplifier.
The HMC980LP4E offers self protection in the event of a short
circuit, as well as an internal charge pump that generates the
negative voltage required on the gate of the ADPA7005. The
HMC980LP4E also provides the option to use an external negative
voltage source. The HMC980LP4E is also available in die form as
the HMC980-DIE.
APPLICATION CIRCUIT SETUP
Figure 53 shows a schematic of an application circuit using the two
HMC980LP4E devices to control the ADPA7005. When using an
external negative supply for VNEG, refer to the schematic in
Figure 54.
Although the ADPA7005 is specified with a IDQ of 1400 mA, the
operational drain current, IDRAIN, required to achieve the maximum
output power from the ADPA7005 must be set closer to 1800 mA.
The IDRAIN current increases to approximately 1800 mA when the
RF input power is 15 dBm, the approximate input compression
point (see Figure 41). As a result, a target IDRAIN of 1800 mA is
chosen.
Two HMC980LP4E devices are needed to support current levels
at 1800 mA because a single HMC980LP4E device can support a
maximum current of 1600 mA. In the application circuit shown in
Figure 53 and Figure 54, the ADPA7005 drain voltage and drain
current are set by the following equations:
VDRAIN = VDD − IDRAIN × 0.85 Ω
where:
VDRAIN = 5 V, the drain voltage from Pin 17 and Pin 18 of the
HMC980LP4E.
VDD = 5.765 V, the supply voltage to the HMC980LP4E.
IDRAIN = 1800 mA, the constant drain current from Pin 17 and Pin
18 on the HMC980LP4E.
R10 = (150 Ω × A)/IDRAIN
R10 = (150 Ω x A)/(1.8 A) = 83 Ω
where:
R10 is in ohms.
IDRAIN is in amperes.
LIMITING VGATE AND VNEG FOR ADPA7005
VGGX ABSOLUTE MAXIMUM RATING
REQUIREMENT
When using the HMC980LP4E to control the ADPA7005, set the
minimum voltages for the VNEG and VGATE pins of the
HMC980LP4E to −1.5 V to keep these voltages within the absolute
maximum rating limits for all VGG pins of the ADPA7005. To set
the minimum voltages, use the R15 and R16 resistors shown in
Figure 53 and Figure 54. Refer to the AN‑1363 Application Note,
Meeting Biasing Requirements of Externally Biased RF/Microwave
Amplifiers with Active Bias Controllers, for more information and
calculations for R15 and R16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com