Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6560 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6560
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6560 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6560 Datasheet HTML 2Page - STMicroelectronics L6560 Datasheet HTML 3Page - STMicroelectronics L6560 Datasheet HTML 4Page - STMicroelectronics L6560 Datasheet HTML 5Page - STMicroelectronics L6560 Datasheet HTML 6Page - STMicroelectronics L6560 Datasheet HTML 7Page - STMicroelectronics L6560 Datasheet HTML 8Page - STMicroelectronics L6560 Datasheet HTML 9Page - STMicroelectronics L6560 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
8
3
BRIDGE
4 x BY255
R9
1.5M
1%
C1
1
µF
250V
R10
16K
1%
C2
22
µF
25V
FUSE 4A/250V
Vac
(85V to 135V)
R3
68K 5%
D3 1N4150
D2
1N5248B
R2
100 5%
10nF
C6
R1 68K 5%
T
5
6
L6560
7
21
C3 330nF
R5 10
MOS
IRF740
R4 330
4
D1 BYT03-400
R7
1.5M
1%
C5
150
µF
315V
Vo=240V
Po=100W
+
-
D94IN050B
TRANSFORMER
T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT
primary 90T of Litz wire 10 x 0.2mm
secondary 11T of #27 AWG (0.15mm)
gap 1.9mm for a total primary inductance of 0.6mH
R6
0.33
1W
R8
16K
1%
C4
1nF
+
-
C7
10nF
Figure 3: Typical Application Circuit (100W)
8
3
BRIDGE
4 x BY255
R9
1.8M
1%
C1
1
µF
400V
R10
6.2K
1%
C2
22
µF
25V
FUSE 4A/250V
Vac
(175V to 265V)
R3
220K 5%
D3 1N4150
D2
1N5248B
R2
100 5%
4.7nF
C6
R1 68K 5%
T
5
6
L6560
7
21
C3 1
µF
R5 10
MOS
STP8NA50
R4 330
4
D1 BYT13-600
R7
1M
1%
C5
47
µF
450V
Vo=400V
Po=120W
+
-
D94IN049A
TRANSFORMER
T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT
primary 90T of Litz wire 10 x 0.2mm
secondary 7T of #27 AWG (0.15mm)
gap 1.25mm for a total primary inductance of 0.8mH
R6
0.4
1W
R8
6.34K
1%
C4
1nF
+
-
C7
10nF
Figure 4: Typical Application Circuit (120W)
L6560 - L6560A
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com