Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6569 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6569
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569 Datasheet(HTML) 3 Page - STMicroelectronics

  L6569 Datasheet HTML 1Page - STMicroelectronics L6569 Datasheet HTML 2Page - STMicroelectronics L6569 Datasheet HTML 3Page - STMicroelectronics L6569 Datasheet HTML 4Page - STMicroelectronics L6569 Datasheet HTML 5Page - STMicroelectronics L6569 Datasheet HTML 6Page - STMicroelectronics L6569 Datasheet HTML 7Page - STMicroelectronics L6569 Datasheet HTML 8Page - STMicroelectronics L6569 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L6569 L6569A
PIN FUNCTION
ELECTRICAL CHARACTERISTCS (VS =12V; VBOOT -VOUT =12V; Tj =25°C; unless otherwise specified.)
N
°
Pin
Description
1
VS
Supply input voltage with internal clamp [typ. 15.6V]
2
RF
Oscillator timing resistor pin.
A buffer set alternatively to VS and GND can provide current to the external resistor RF
connected between pin 2 and 3.
Alternatively, the signal on pin 2 can be used also to drive another IC (i.e. another L6569 to drive
a full H-bridge)
3
CF
Oscillator timing capacitor pin.
A capacitor connected between this pin and GND fixes (together with RF) the oscillating
frequency
Alternatively an external logic signal can be applied to the pin to drive the IC.
4
GND
Ground
5
LVG
Low side driver output.
The output stage can deliver 170mA source and 270mA sink [typ.values].
6
OUT
Upper driver floating reference
7
HVG
High side driver output.
The output stage can deliver 170mA source and 270mA sink [typ.values].
8
BOOT
Bootstrap voltage supply.
It is the upper driver floating supply. The bootstrap capacitor connected between this pin and pin
6 can be fed by an internal structure named “bootstrap driver” (a patented structure). This
structure can replace the external bootstrap diode.
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSUVP
1
VS Turn On Threshold
8.3
9
9.7
V
VSUVN
VS Turn Off Threshold
7.3
8
8.7
V
VSUVH
VS Hysteresis
0.7
1
1.3
V
VCL
VS Clamping Voltage
IS = 5mA
14.6
15.6
16.6
V
ISU
Start Up Current
VS <VSUVN
150
250
µA
Iq
Quiescent Current
VS >VSUVP
500
700
µA
IBOOTLK
8
Leakage Current BOOT pin vs
GND
VBOOT = 580V
5
µA
IOUTLK
6
Leakage Current OUT pin vs
GND
VOUT = 562V
5
µA
IHVG SO
7
High Side Driver Source Current
VHVG = 6V
110
175
mA
IHVG SI
High Side Driver Sink Current
VHVG = 6V
190
275
mA
ILVG SO
5
Low Side Driver Source Current
VLVG = 6V
110
175
mA
ILVG SI
Low Side Driver Sink Current
VLVG = 6V
190
275
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com