Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6598 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
L6598
Figure 6. Typ. fmin vs. Rfmin @ Cf = 470pF
Figure 7. Typ. (fstart-fmin) vs. Rfstar @
Cf = 470pF
Figure 8. Typ. (fstart-fmin) vs. Rfstar @
Cf = 470pF
Figure 9. Typ. (fstart-fmin) vs. Rfstar @
Cf = 470pF
Figure 10. fmin @ different Rf vs Cf
20
40
60
80
100 Rfmin(KΩ)
20
40
60
80
100
fmin
(KHz)
D98IN891
20
40
60
80
100 Rfstart(KΩ)
20
40
60
80
∆f
(KHz)
Rfmin=33K
D98IN892
20
40
60
80
100 Rfstart(KΩ)
20
40
60
80
100
∆f
(KHz)
Rfmin=50K
D98IN893
20
40
60
80
100 Rfstart(KΩ)
20
40
60
80
100
∆f
(KHz)
Rfmin=100K
D98IN894
Cf (pF)
400
0
200
0
200
400
fmin
(KHz)
Rf=90Kohm - calc.
Rf=19.9Kohm - calc.
Rf=90Kohm - meas.
Rf=19.9Kohm - meas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com