Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WILCS02PE Datasheet(PDF) 31 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 31 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 27Page - Microchip Technology WILCS02PE Datasheet HTML 28Page - Microchip Technology WILCS02PE Datasheet HTML 29Page - Microchip Technology WILCS02PE Datasheet HTML 30Page - Microchip Technology WILCS02PE Datasheet HTML 31Page - Microchip Technology WILCS02PE Datasheet HTML 32Page - Microchip Technology WILCS02PE Datasheet HTML 33Page - Microchip Technology WILCS02PE Datasheet HTML 34Page - Microchip Technology WILCS02PE Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 31
Table 3-6. I/O Pin DC Electrical Specifications (continued)
DC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Symbol
Characteristics
Min.
Typ.
(1)
Max.
Units Conditions
DI_13
IIL
Input pin leakage
current
-1
—
+1
µA
—
Note: 
1. This parameter is characterized but not tested in manufacturing.
3.1.4.2 WILCS02IC Wi-Fi® Current Consumption
Table 3-7. Wi-Fi® Current Consumption DC Electrical Specifications
DC Characteristics(1)(2)
Standard Operating Conditions: VDD=VDDIO= 3.0V to 3.6V
(unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param.
No.
Symbol Device States
Code Rate
Output
Power
(Typ.)
(dBm)
Current
(Typ.) (mA)
Max.
Units Conditions
IWF_TX
IDD
On_Transmit
802.11b 1 Mbps
19
288
—
mA
VDD = VDDIO = 3.3V
802.11b 1 Mbps
13
263
—
802.11b 11 Mbps
20
289
—
802.11g 6 Mbps
19
287
—
802.11g 54 Mbps
17
263
—
802.11n MCS0
18
279
—
802.11n MCS7
17
262
—
802.11n MCS7
11
249
—
IWF_RX
IDD
On_Receive
802.11b 1 Mbps
—
88
—
802.11n MCS7
—
94
Notes: 
1. Tested on channel 7 using an internal test firmware that provides manual control of the data rate. In the Application
mode firmware, the data rate is selected automatically based on the RSSI and other variables.
2. Data in the “Typ.” column is at 3.3V, 25°C unless otherwise stated.
3. These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com