Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT1616 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT1616
Description  6-Channel AC97 Codec with S/PDIF
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1616 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT1616 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Revision 1.5, October 11, 2002
13
Data Sheet
VT1616 6-Channel AC97 Codec with S/PDIF
Video Input Control Register (Index 14h)
Mute
Video Input Mute Control
“1” :
Mute enabled“0”:Mute d
isabled
GL[4:0]
Left Channel Gain Control
These five bits select the gain appliedto the Left channel of the Video Input signal. The gain is
programmable from -34.5dB to 12dB in 1.5dB increments, providing a total of 32 programmable
levels. Please refer to Table 3 on page 14 for details.
GR[4:0]
Right Channel Gain Control
These five bits select the gain appliedto the Right channel of the Video Input signal. The gain is
programmable from -34.5dB to 12dB in 1.5dB increments, providing a total of 32 programmable
levels. Please refer to Table 3 on page 14 for details.
Auxiliary Input Control Register (Index 16h)
Mute
Auxiliary Input Mute Control
“1” :
Mute enabled“0”:Mute d
isabled
GL[4:0]
Left Channel Gain Control
These five bits select the gain appliedto the Left channel of the Auxiliary Input signal. The gain is
programmable from -34.5dB to 12dB in 1.5dB increments, providing a total of 32 programmable
levels. Please refer to Table 3 on page 14 for details.
GR[4:0]
Right Channel Gain Control
These five bits select the gain appliedto the Right channel of the Auxiliary Input signal. The gain is
programmable from -34.5dB to 12dB in 1.5dB increments, providing a total of 32 programmable
levels. Please refer to Table 3 on page 14 for details.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
Mute
–
–
GL4
GL3
GL2
GL1
GL0
–
–
–
GR4
GR3
GR2
GR1
GR0
8808h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
Mute
–
–
GL4
GL3
GL2
GL1
GL0
–
–
–
GR4
GR3
GR2
GR1
GR0
8808h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com