Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6610 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 18Page - STMicroelectronics L6610 Datasheet HTML 19Page - STMicroelectronics L6610 Datasheet HTML 20Page - STMicroelectronics L6610 Datasheet HTML 21Page - STMicroelectronics L6610 Datasheet HTML 22Page - STMicroelectronics L6610 Datasheet HTML 23Page - STMicroelectronics L6610 Datasheet HTML 24Page - STMicroelectronics L6610 Datasheet HTML 25Page - STMicroelectronics L6610 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
L6610
22/29
DFAULT; in the "Application ideas" section, another simple circuit is showed to guarantee the same pro-
tection without the SCR.
– Dmon input undervoltage: when an undervoltage on Dmon is detected, MFAULT is put high, Cout is
pulled low (an internal OCP_BOUNCE signal is generated, see fig. 21) and PW_OK falls down. This
function is enabled 64ms after the UVLO signal falls down. Debounce logic is implemented so that
MFAULT and OCP_BOUNCE signals are generated only if the undervoltage condition lasts more than
500µs.
The Dmon UV and OV protections can be set to work with thresholds set for 5V or 3.3V output voltage:
the choice depends on the IC programming.
– Overcurrent protection: the IC provides an on-board overcurrent protection for 5V and 12V main input
pins. Optionally, it is possible to switch the monitoring from 5V to 3.3V output using the IC programming
(see "On board trimming and mode operating" section).
Figure 22. Fault timing diagram
The overcurrent function is implemented with a comparator detecting the voltage drop across an external cur-
rent sense resistor in series with the output. If this voltage gets higher than a fixed threshold (50mV for 5V input
monitoring and 120mV for 12V input monitoring), an internal MAIN_OC signal is generated; a 450
µs debounce
time exists to assert MFAULT high. Depending on the selected operating mode, MFAULT will be latched high
(default latching mode) or pulled low again after about 1s to allow autorecovery (bounce mode).
To disable this function, the input sense pin may be left open (an internal pull-down is provided), shorted to
ground or shorted to 5V or 12V pin.
Dmon(*)
Dmon(*)
Mfault
Mfault
POK
POK
Dfault current
Cout
Output
Mfault
POK
Main output’s overvoltage
Output
Mfault
POK
Main output’s undervoltage
Auxiliary output’s overvoltage
Auxiliary output’s undervoltage
(*) Dmon is connected to the Auxiliary output Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com