Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7400ESA Datasheet(PDF) 8 Page - Analog Devices

Part # MAX7400ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7400ESA Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX7400ESA Datasheet HTML 4Page - Analog Devices MAX7400ESA Datasheet HTML 5Page - Analog Devices MAX7400ESA Datasheet HTML 6Page - Analog Devices MAX7400ESA Datasheet HTML 7Page - Analog Devices MAX7400ESA Datasheet HTML 8Page - Analog Devices MAX7400ESA Datasheet HTML 9Page - Analog Devices MAX7400ESA Datasheet HTML 10Page - Analog Devices MAX7400ESA Datasheet HTML 11Page - Analog Devices MAX7400ESA Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Pin Description
PIN
Common Input. Biased internally at midsupply. Bypass externally to GND with a 0.1µF capacitor. To over-
ride internal biasing, drive with an external supply.
COM
1
FUNCTION
NAME
Filter Input
IN
2
Positive Supply Input: +5V for MAX7400/MAX7403, +3V for MAX7404/MAX7407
VDD
4
Ground
GND
3
Offset Adjust Input. To adjust output offset, bias OS externally. Connect OS to COM if no offset adjustment is
needed. Refer to
Offset and Common-Mode Input Adjustment section.
OS
6
Clock Input. To override the internal oscillator, connect to an external clock; otherwise, connect an external
capacitor (COSC) from CLK to GND to set the internal oscillator frequency.
CLK
8
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
SHDN
7
Filter Output
OUT
5
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
0.96
0.98
0.97
1.00
0.99
1.03
1.02
1.01
1.04
-40
0
-20
20
40
60
80
100
NORMALIZED OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
COSC = 390pF
MAX7400
MAX7403
MAX7404
MAX7407
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
NORMALIZED OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 390pF
MAX7400
MAX7403
MAX7404
MAX7407
0.1
1
100
10
1000
10,000
0.01
1
0.1
10
100
1000
INTERNAL OSCILLATOR FREQUENCY
vs. COSC CAPACITANCE
COSC CAPACITANCE (nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com