Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7409 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX7409
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7409 Datasheet(HTML) 2 Page - Analog Devices

  MAX7409 Datasheet HTML 1Page - Analog Devices MAX7409 Datasheet HTML 2Page - Analog Devices MAX7409 Datasheet HTML 3Page - Analog Devices MAX7409 Datasheet HTML 4Page - Analog Devices MAX7409 Datasheet HTML 5Page - Analog Devices MAX7409 Datasheet HTML 6Page - Analog Devices MAX7409 Datasheet HTML 7Page - Analog Devices MAX7409 Datasheet HTML 8Page - Analog Devices MAX7409 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX7409/MAX7410
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF capacitor from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
IN, OUT, COM, OS, CLK, SHDN ................-0.3V to (VDD + 0.3V)
OUT Short-Circuit Duration...................................................1sec
Continuous Power Dissipation (TA = +70°C)
8-Pin DIP (derate 9.09mW/°C above +70°C) ...............727mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
Operating Temperature Ranges
MAX74 _ _C_A ...................................................0°C to +70°C
MAX74 _ _E_A ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
COSC = 1000pF (Note 3)
VOS = 0 to VDD
SHDN = GND, VCOM = 0 to VDD
(Note 1)
Input, COM externally driven
OS to OUT
Input, OS externally driven
fIN = 200Hz, VIN = 4Vp-p,
measurement bandwidth = 22kHz
VIN = VCOM = VDD / 2
VCOM = VDD / 2 (Note 2)
Output, COM unconnected
CONDITIONS
21
30
38
fOSC
Internal Oscillator Frequency
±0.1
±10
Input Leakage Current at OS
±0.1
±10
Input Leakage Current at COM
50
500
CL
10
1
RL
Resistive Output Load Drive
5
Clock Feedthrough
110
180
RCOM
Input Resistance at COM
VCOM ±0.1
VOS
2.3
2.5
2.7
100:1
fCLK / fc
Clock-to-Corner Ratio
0.001 to 15
fc
Corner Frequency
VCOM
1
AOS
Offset Voltage Gain
-85
THD+N
Total Harmonic Distortion
plus Noise
10
Clock-to-Corner Tempco
0.25
VDD - 0.25
Output Voltage Range
±4
±25
VOFFSET
Output Offset Voltage
-0.2
0
0.2
DC Insertion Gain with
Output Offset Removed
MIN
TYP
MAX
SYMBOL
PARAMETER
VCLK = 0 or 5V
0.5
VIL
Clock Input Low
4.5
VIH
Clock Input High
±13.5
±20
ICLK
Clock Output Current
(Internal Oscillator Mode)
V
V
µA
kHz
µA
µA
pF
k
Ω
mVp-p
k
Ω
V
V
V/V
dB
dB
mV
V
ppm/°C
kHz
UNITS
Maximum Capacitive Output
Load Drive
FILTER CHARACTERISTICS
CLOCK
MAX7409
MAX7410
-78
COM Voltage Range
2.0
2.5
3.0
Input Voltage Range at OS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com