Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4090 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4090
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4090 Datasheet(HTML) 2 Page - Analog Devices

  MAX4090 Datasheet HTML 1Page - Analog Devices MAX4090 Datasheet HTML 2Page - Analog Devices MAX4090 Datasheet HTML 3Page - Analog Devices MAX4090 Datasheet HTML 4Page - Analog Devices MAX4090 Datasheet HTML 5Page - Analog Devices MAX4090 Datasheet HTML 6Page - Analog Devices MAX4090 Datasheet HTML 7Page - Analog Devices MAX4090 Datasheet HTML 8Page - Analog Devices MAX4090 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VCC to GND..............................................................-0.3V to +4V
SHDN, IN, OUT to GND..............................-0.3V to (VCC + 0.3V)
OUT Short-Circuit Duration to VCC, GND……............Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C). …….. .247mW
6-Pin μDFN (derate 2.1mW/°C above +70°C) . ……...168mW
Operating Temperature Ranges:
MAX9502GE/ME .............................................-40°C to +85°C
MAX9502GA/MA............................................-40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = SHDN = 3.0V, GND = 0V, no load, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Guaranteed by PSRR
2.5
3.6
V
Quiescent Supply Current
ICC
VIN = 0V, 2.5V ≤ VCC ≤ 3.6V, SHDN = VCC,
TA = -40°C to +85°C
5.3
9
mA
VIN = 0V, 2.5V ≤ VCC ≤ 3.6V, SHDN = VCC,
TA = -40°C to +125°C
11
Shutdown Supply Current
ISHDN
VSHDN = 0V
0.01
1
µA
Input Voltage Range
VIN
Guaranteed by DC
voltage gain (MAX9502G)
VCC = 2.5V
0
1.05
V
VCC = 3.0V
0
1.2
Guaranteed by DC
voltage gain (MAX9502M)
VCC = 2.5V
0
0.525
VCC = 3.0V
0
0.6
Input Current
IIN
VIN = 0V
3.5
10
µA
Input Resistance
RIN
∆VIN/∆IIN
17
MΩ
DC Voltage Gain (Note 2)
AV
RL = 150Ω to GND,
VCC = 2.5V to 3V
MAX9502G
5.5
6
6.5
dB
MAX9502M
11.5
12
12.5
Output Sync-Tip Level
VSTIP
Measured at OUT, VIN = 0V,
RL = 150Ω to GND
110
230
mV
Output Voltage Swing
VOUT
MAX9502G,
RL = 150Ω to GND
VCC = 2.5V,
0 ≤ VIN ≤ 1.05V
1.97
2.1
2.23
VP-P
VCC = 3.0V,
0 ≤ VIN ≤ 1.2V
2.26
2.4
2.54
MAX9502M,
RL = 150Ω to GND
VCC = 2.5V,
0 ≤ VIN ≤ 0.525V
1.97
2.1
2.23
VCC = 3.0V,
0 ≤ VIN ≤ 0.6V
2.26
2.4
2.54
Output Short-Circuit Current
Threshold
ISC
Sourcing (Note 3)
95
mA
Output Resistance
ROUT
0.15
Ω
Shutdown Output Impedance
ROUT(OFF) VSHDN = 0V
4
kΩ
DC Power-Supply Rejection Ratio
PSRRDC VIN = 0V, 2.5V ≤ VCC ≤ 3.6V
50
90
dB
LOGIC INPUTS (SHDN)
Logic-Low Level
VIL
TA = -40°C to +85°C
0.8
V
TA = -40°C to +125°C
0.65
Logic-High Level
VIH
2.0
V
Logic Input Current
IIL
SHDN = GND and VCC
1
µA
MAX9502
2.5V Video Amplifier with Reconstruction Filter
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com