Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7407ESA Datasheet(PDF) 2 Page - Analog Devices

Part # MAX7407ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7407ESA Datasheet(HTML) 2 Page - Analog Devices

  MAX7407ESA Datasheet HTML 1Page - Analog Devices MAX7407ESA Datasheet HTML 2Page - Analog Devices MAX7407ESA Datasheet HTML 3Page - Analog Devices MAX7407ESA Datasheet HTML 4Page - Analog Devices MAX7407ESA Datasheet HTML 5Page - Analog Devices MAX7407ESA Datasheet HTML 6Page - Analog Devices MAX7407ESA Datasheet HTML 7Page - Analog Devices MAX7407ESA Datasheet HTML 8Page - Analog Devices MAX7407ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX7400/MAX7403
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to GND,
fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND
MAX7400/MAX7403 ..............................................-0.3V to +6V
MAX7404/MAX7407 ..............................................-0.3V to +4V
IN, OUT, COM, OS, CLK ............................-0.3V to (VDD + 0.3V)
SHDN........................................................................-0.3V to +6V
OUT Short-Circuit Duration...................................................1sec
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ..........................471mW
DIP (derate 9.1mW/°C above +70°C) ...........................727mW
Operating Temperature Ranges
MAX740_C_A .....................................................0°C to +70°C
MAX740_E_A ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOS = 0 to (VDD - 1V) (Note 3)
(Note 1)
SHDN = GND, VCOM = 0 to VDD
VIN = VCOM = VDD / 2
Output, COM internally biased
VCOM = VDD / 2 (Note 2)
Input, COM externally driven
CONDITIONS
µA
±0.1
±10
Input Leakage Current at OS
µA
±0.1
±10
Input Leakage Current at COM
pF
50
500
CL
Maximum Capacitive Load
at OUT
k
Ω
10
1
RL
Resistive Output Load Drive
mVp-p
10
Clock Feedthrough
k
Ω
75
125
RCOM
Input Resistance at COM
VDD / 2
VDD / 2
VDD / 2
- 0.2
+ 0.2
VCOM
COM Voltage Range
V
VDD / 2
VDD / 2
VDD / 2
- 0.5
+ 0.5
100:1
fCLK/fC
Clock-to-Corner Ratio
kHz
0.001 to 10
fC
Corner Frequency
V
VCOM ±0.1
VOS
Input Voltage Range at OS
-82
ppm/°C
10
Clock-to-Corner Tempco
V
0.25
VDD - 0.25
Output Voltage Range
mV
±5
±25
VOFFSET
Output Offset Voltage
dB
-0.1
0.15
0.3
DC Insertion Gain with
Output Offset Removed
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
COSC = 1000pF (Note 4)
kHz
29
38
48
fOSC
Internal Oscillator Frequency
VCLK = 0 or 5V
µA
±15
±30
ICLK
Clock Input Current
VDD - 0.5
VIH
V
0.5
VIL
Clock Input High
fIN = 200Hz, VIN = 4Vp-p,
measurement bandwidth = 22kHz
dB
-80
THD+N
Total Harmonic Distortion
plus Noise
MAX7400
MAX7403
V/V
1
AOS
OS Voltage Gain to OUT
Clock Input Low
V
FILTER CHARACTERISTICS
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com