Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9537DPZ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9537DPZ
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DPZ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9537DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
VDD
I/O pin
output port
register data
configuration
register
D
Q
CK
Q
data from
shift register
write
configuration
pulse
output port
register
D
Q
CK
write pulse
polarity inversion
register
D
Q
CK
data from
shift register
write polarity
pulse
input port
register
D
Q
CK
read pulse
input port
register data
polarity
inversion
register data
002aad723
FF
data from
shift register
FF
FF
FF
Q1
Q2
VSS
to INT
Remark: At power-on reset, all registers return to default values.
Figure 4. Simplified schematic of IO0 to IO3
6.7 Bus transactions
Data is transmitted to the PCA9537 registers using the write mode as shown in Figure 5
and Figure 6. Data is read from the PCA9537 registers using the read mode as shown
in Figure 7 and Figure 8. These devices do not implement an auto-increment function so
once a command byte has been sent, the register which was addressed will continue to
be accessed by reads until a new command byte has been sent.
0 A
S
target address
START condition
R/W acknowledge
from target
aaa-043254
0 0 0 0 0 0 1
0
command byte
A
acknowledge
from target
1 2 3 4 5 6 7 8
SCL
9
SDA
DATA 1
A
write to port
data out from port
tv(Q)
acknowledge
from target
DATA 1 VALID
data to port
0 0 1 0 0 1
1
P
STOP
condition
Expanded diagram is shown in Figure 16.
Figure 5. Write to output port register
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
7 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com