Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF005M Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # DF005M
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DF005M Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  DF005M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DF005M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
2% DUTY CYCLE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
50
Single Half-Sine-Wave
(JEDEC METHOD)
40
FIG.1 - FORWARD CURRENT DERATING CURVE
40
60
100
120
0.6
0.1
20
0.2
1.0
AMBIENT TEMPERATURE , C
0.8
0.4
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
140
80
20
40
120
140
0
0.1
1.0
100
10
60
80
100
0.01
TJ = 25 C
TJ = 125 C
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10.0
0.1
100
100
10
1.0
1.0
4.0
TJ = 25 C, f = 1MHz
www.galaxycn.com
RATINGS AND CHARACTERISTIC CURVES
DF005M---DF10M
BLGALAXYELECTRIC
AL
Document Number 0287084
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com