Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6615D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6615D
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6615D Datasheet HTML 12Page - STMicroelectronics L6615D Datasheet HTML 13Page - STMicroelectronics L6615D Datasheet HTML 14Page - STMicroelectronics L6615D Datasheet HTML 15Page - STMicroelectronics L6615D Datasheet HTML 16Page - STMicroelectronics L6615D Datasheet HTML 17Page - STMicroelectronics L6615D Datasheet HTML 18Page - STMicroelectronics L6615D Datasheet HTML 19Page - STMicroelectronics L6615D Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17/20
L6615
Figure 16. Offset Trimming
Because of the tolerance of the output voltage, it is not possible to delete completely the effect of the offset
on CGA pin on all the allowed output voltage range: if the trimming operation is performed at VOUT(MIN),
then on pin CGA the maximum residual voltage will be present at VOUT(MAX) and its value will be:
To simplify the procedure, the following step-by step process can be used:
s
a trimmer has to be placed between sense pins of each section: the value of the trimmer resistance
must be at least one order of magnitude higher than RG and it has to be set at one half of its range
(
δ=0.5);
s
once the application is running at a load defined by the designer based on the required sharing
accuracy, the master section has to be located;
s
on the slave sections it is then necessary to operate on the trimmer to make equal the output currents.
REFERENCE
[1] "L6910 - Adjustable step down controller with synchronous rectification" (Datasheet)
[2] "L6911 - 5 bit programmable step down controller with synchronous rectification" (Datasheet
I
LOAD
L6615
CS-
CS+
R
CGA
CGA
R
G
R
G
δ R
K
(1-δ) R
K
V
OUT+VSENSE
V
OUT
+
_
R
SNS
I
G
V
M
V
P
I
LOAD
L6615
CS-
CS+
R
CGA
CGA
R
G
R
G
δ R
K
(1-δ) R
K
V
OUT+VSENSE
V
OUT
+
_
R
SNS
I
G
V
M
V
P
R
CGA
V
OUT MAX
() VOUT MIN
()
–
()
12
δ
OPT
⋅
–
δ
OPT
R
K
δ
OPT
R
K
–
R
G
–
⋅
()
⋅
-----------------------------------------------------------------------------
⋅⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com