Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9555WI Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT9555WI
Description  16-bit I2C and SMBus I/O Port with Interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9555WI Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT9555WI Datasheet HTML 8Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 9Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 10Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 11Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 12Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 13Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 14Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 15Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 16Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CAT9555
12
Doc. No. MD-9003 , Rev. G
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 10. Read from Register
Figure 11. Read Input Port Register
Power-On Reset Operation
When the power supply is applied to VCC pin, an internal
power-on reset pulse holds the CAT9555 in a reset state
until VCC reaches VPOR level. At this point, the reset
condition is released and the internal state machine and
the CAT9555 registers are initialized to their default
state.
S
A
1
0
A2
A1 A0
0
0
0
0
A2
A1
A0
0
1
A
A
COMMAND BYTE
acknowledge
from slave
acknowledge
from slave
A
P
NA
acknowledge
from slave
acknowledge
from master
S
DATA
DATA
R/W
first byte
at this moment master-transmitter
becomes master-receiver and
slave-receiver becomes
slave-transmitter
last byte
no acknowledge
from master
1
slave address
data from upper
or lower byte of
register
data from lower
or upper byte
of register
slave address
MSB
LSB
MSB
LSB
0
NOTE: Transfer can be stopped at any time by a STOP condition.
R/W
12345
6789
S
0100
A2
A1
A0
1
A
A
I0.x
A
I1.x
A
I0.x
1
I1.x
P
R/W
ACKNOWLEDGE
FROM SLAVE
SCL
SDA
ACKNOWLEDGE
FROM MASTER
ACKNOWLEDGE
FROM MASTER
ACKNOWLEDGE
FROM MASTER
NON ACKNOWLEDGE
FROM MASTER
READ FROM PORT 0
DATA INTO PORT 0
READ FROM PORT 1
DATA INTO PORT 1
INT
tIR
tIV
tph
DATA 00
DATA 10
DATA 03
DATA 12
DATA 00
DATA 01
DATA 02
DATA 03
tps
tph
tps
DATA 10
DATA 11
DATA 12
NOTE:
Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode).
It is assumed that the command byte has previously been set to 00 (read input port register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com