Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3115FS Datasheet(PDF) 1 Page - NMB Technologies Corporation

Part # 3115FS
Description  Fan Guards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

3115FS Datasheet(HTML) 1 Page - NMB Technologies Corporation

  3115FS Datasheet HTML 1Page - NMB Technologies Corporation 3115FS Datasheet HTML 2Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NMBTC.COM / 818.341.3355
7.1
Fan Guards
• Designed to insure safety
• Plating bright nickel chrome, black electro deposit available
• Plating thickness of .0005 min.
• Weld joints withstand 230 lbs. separation force
• Wire base C1010 steel
0.26
(6.5)
055010
6 (150)
5900/6800 Series
Ribs – 0.071 (1.80), Rings – 0.071 (1.80)
0.20 (5.0) DIA
4 POSITIONS
0.25
(6.35)
055011
6 (150)
5900/6800 Series
Ribs – 0.071 (1.80), Rings – 0.071 (1.80)
0.20 (5.0) DIA
4 POSITIONS
0.22
(5.5)
055013
3.62 (92)
3600 Series
Ribs – 0.071 (1.80), Rings – 0.071 (1.80)
0.181 (4.6) DIA
4 POSITIONS
0.22
(5.6)
055015
4.69 (120)
4700 Series
Ribs – 0.071 (1.80), Rings – 0.071 (1.80)
0.181 (4.6) DIA
4 POSITIONS
0.22
(5.5)
055018
3.15 (80)
3100 Series
Ribs – 0.071 (1.80), Rings – 0.071 (1.80)
0.181 (4.6) DIA
4 POSITIONS
0.20
(5.1)
055019
3.15 (80)
3100 Series
Ribs – 0.071 (1.80), Rings – 0.071 (1.80)
0.181 (4.6) DIA
4 POSITIONS
0.17
(4.4)
055023
2.36 (60)
2400 Series
Ribs – 0.061 (1.5), Rings – 0.06 (1.5)
0.181 (4.6) DIA
4 POSITIONS
0.16
(4.0)
055025
1.57 (40)
1600 Series
Ribs – 0.055 (1.4), Rings – 0.055 (1.4)
0.157 (4.0) DIA
4 POSITIONS
FanCat_working_Sec7,8_Accessories.indd 1
1/28/09 7:26:44 AM


Similar Part No. - 3115FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3115 ETC2-3115 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3115 ETC2-3115 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3115 HEYCO-3115 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Keystone Electronics Co...
3115 KEYSTONE-3115 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Videk Ltd
3115-0.5 VIDEK-3115-0.5 Datasheet
80Kb / 1P
eSATA Cables
More results

Similar Description - 3115FS

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QSG-40-02 QUALTEK-QSG-40-02 Datasheet
658Kb / 1P
Plastic Fan Guards for QLM Sleeves
logo
ebm-papst
LZ32-2 EBMPAPST-LZ32-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
ORION FANS
G25-2 ORIONFANS-G25-2 Datasheet
121Kb / 1P
Fan Guards
G40P ORIONFANS-G40P Datasheet
266Kb / 1P
Fan Guards
G60-4 ORIONFANS-G60-4 Datasheet
133Kb / 1P
Fan Guards
G60POG ORIONFANS-G60POG Datasheet
192Kb / 1P
Push-On Guards
G109-15A ORIONFANS-G109-15A Datasheet
151Kb / 1P
Fan Guards
G180-11 ORIONFANS-G180-11 Datasheet
153Kb / 1P
Fan Guards
logo
Qualtek Electronics Cor...
QSG-40-01 QUALTEK-QSG-40-01 Datasheet
654Kb / 1P
Plastic Fan Guards
logo
List of Unclassifed Man...
G119-8 ETC2-G119-8 Datasheet
760Kb / 1P
Fan Guards for 127mm Fan
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com