Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-Z Datasheet(PDF) 3 Page - Nidec Motor Corporation.

Part # 2011-Z
Description  8 Series Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.

2011-Z Datasheet(HTML) 3 Page - Nidec Motor Corporation.

  2011-Z Datasheet HTML 1Page - Nidec Motor Corporation. 2011-Z Datasheet HTML 2Page - Nidec Motor Corporation. 2011-Z Datasheet HTML 3Page - Nidec Motor Corporation. 2011-Z Datasheet HTML 4Page - Nidec Motor Corporation. 2011-Z Datasheet HTML 5Page - Nidec Motor Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8Y
Mustang Pushbutton Switches
■Features
The 8Y series is a sub-miniature pushbutton switch with
a larger, rugged actuator and a larger bushing. Suitable
for applications where panel space is limited and a larger
actuator is needed.
■ Standard Accessories
《Supplied with switch》
Hex Nut
Lockwasher
Locking Ring
140008010243
140008030055
140008020067
Nickel plated
Zinc plated
Zinc plated
■Optional Accessories
《Sold separately》
Color Cap
Dimensions
Color
Part No.
Gloss finish
Vinyl chloride resin
White
Red
Black
Gray
140000470023
140000470052
140000470051
140000470057
●Specify the Color Cap by part number if Color Cap is desired.
■Terminal Styles
Solder(Style:1)
■ Table of Part Numbers
Terminal style
1 pole
2 poles
3 poles
S/D
ON  −  ON
  8Y1011−Z
  8Y2011−Z
  8Y3011−Z
ON  − (ON)
  8Y1021−Z
☆ 8Y2021−Z
★ 8Y3021−Z
No. of ploe
Switching function
(ON):Momentary.
★:Made to order products.
☆:Semi-standard products.
▲:Inquiry products.
RoHS Compliant
Panel thickness : 5 mm max.
■Panel Cut-Out Dimensions
With Locking Ring
Without Locking Ring
■Color Cap Mounting
Snap in the color button on to the actuator.
:Optional Accessories.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com