Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8R2012-Z Datasheet(PDF) 1 Page - Nidec Motor Corporation.

Part # 8R2012-Z
Description  8 Series Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.

8R2012-Z Datasheet(HTML) 1 Page - Nidec Motor Corporation.

  8R2012-Z Datasheet HTML 1Page - Nidec Motor Corporation. 8R2012-Z Datasheet HTML 2Page - Nidec Motor Corporation. 8R2012-Z Datasheet HTML 3Page - Nidec Motor Corporation. 8R2012-Z Datasheet HTML 4Page - Nidec Motor Corporation. 8R2012-Z Datasheet HTML 5Page - Nidec Motor Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■Features
1. Contacts
Silver or gold-plated contacts.
2. Epoxy resin case
UL94V-0 self-extinguishing epoxy.
3. Actuator style
Over 30 actuator variations.
4. Insulation between terminal and ground:
4 mm minimum.
5. Prevention of flux entry
The epoxy resin seal on bottom of the switch helps prevent
the entry of solder and flux.
6. Insulation barrier:
Insulation barrier design between poles helps prevent
short-circuiting between poles ensuring high reliability.
■ Terminal Styles
Solder(Style:1)
Straight(Style:2)
■ Specifications
Rating
Max. rating 6A 125VAC/3A 250VAC/4A 30VDC
Initial contact resistance 10mΩmax. 
(1A 2∼4VDC)
Initial dielectric strength 1,500VAC 1 minute
Initial insulation resistance 1,000MΩ min.
(500VDC)
Electrical life
(Excluding 8R & 8W)
Alternate type
40,000 operations
Momentary type
25,000 operations
Operating
temperature range −30℃∼+85℃
Storage
temperature range −40℃∼+85℃
(Excluding 8R & 8W. Specifications on 8R and 8W series are
specified separately on P.264 and P.269.)
8 Series Pushbutton Switches
■Eight Switch Series
Poles Switching function
(※2.)
(※3.)
8N 8P 8Y 8N 8P 8Y
1 pole
1011−Z
ON − ON
○
○
○
○
○
○
1012−Z
○
○
○
○
1021−Z ON−(ON) ○
○
○
○
1022−Z
○
○
○
○
2 poles
2011−Z ON − ON ○ ○ ○ ○ ○ ○
2012−Z
○
○
○
○
2021−Z ON−(ON) ○ ○ ○ ○ ○ ○
2022−Z
○
○
○
○
3 poles 3011−Z ON − ON
○
○
○
○
○
○
3021−Z ON −(ON) ○
○
○
○
○
○
4 poles 4011−Z ON − ON
○
○
○
○
○
○
4021−Z ON −(ON) ○
○
○
○
○
○
(※2.)UL File No.E43275
(※3.)CSA File No.LR38341
If UL or CSA marking is required, please specify when
ordering.
UL-Recognized, CSA certified Products
(Pushbutton type Only)


Similar Part No. - 8R2012-Z

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
8R20J OHMITE-8R20J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
More results

Similar Description - 8R2012-Z

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
C&K Components
21125 CK-COMPONENTS-21125 Datasheet
440Kb / 10P
F Series Pushbutton Switches
logo
Carling Technologies
P26T-1D-BL CARLINGTECH-P26T-1D-BL Datasheet
124Kb / 1P
P26-Series Pushbutton Switches
P27L-BL CARLINGTECH-P27L-BL Datasheet
116Kb / 1P
P27-Series Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Carling Technologies
P267T-1D-BL CARLINGTECH-P267T-1D-BL Datasheet
124Kb / 1P
P26-Series Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com