Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76SC03 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 76SC03
Description  Thru-Hole DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

76SC03 Datasheet(HTML) 2 Page - Grayhill, Inc

  76SC03 Datasheet HTML 1Page - Grayhill, Inc 76SC03 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
Ratings
76
78
90B
Mechanical Life: Operations per switch position
20,000
20,000
5,000
Make-and-break Current Rating: Operations
per switch position at these resistive loads
1 mA, 5 Vdc; 50 mA, 30 Vdc; or 150 mA, 30 Vdc:
10,000
10,000
—
10 mA, 30 Vdc; or 10 mA, 50 mVdc:
——
2,000
10 mA, 50 mVdc; or 25 mA, 24 Vdc; or 100 mA, 6 Vdc:
——
2,000
Contact Resistance: Initially:
≤ 30 mΩ≤ 30 mΩ≤ 20 mΩ
After life, at 10 mA, 50 mVdc, open circuit:
≤ 100 mΩ≤ 100 mΩ≤ 100 mΩ
Insulation Resistance:
Minimum, at 100 Vdc between adjacent closed
contacts and also across open switch contacts
Initially (Mohms):
5,000
5,000
5,000
After life (Mohms):
1,000
1,000
1,000
Dielectric Strength: Minimum voltage (AC,
RMS) measured between adjacent closed
contacts and also across open switch contacts.
lnitially:
750 V
750 V
500 V
After life:
500 V
500 V
500 V
Current Carry Rating: Maximum rise of 20°C
5 A4 A3 A
Switch Capacitance: At 1 megahertz
2 pF
2 pF
2 pF
Operating Temperature Range:
-40°C to + 85°C
-40°C to + 85°C
-40°C to + 85°C
Storage Temperature Range:
-55°C to + 85°C
-55°C to + 85°C
-55°C to + 85°C
SPECIFICATIONS: Standard and Military Qualified Styles
Mechanical Ratings
Vibration Resistance: Per Method 204, Test
Condition B, 1 mS opening (10 mS allowed)
Mechanical Shock: Per Method 213, Test
Condition A. 1 mS opening (10 mS allowed)
Thermal Shock Resistance: Per specification;
no failures; passes contact resistance.
Terminal Strength: Per specification
Thermal Aging: 1,000 hours at 85°C; no failures.
Environmental Ratings
Meets all requirements of MIL- S-83504. Where
Grayhill performance is superior, the MIL spec is
listed in parentheses.
Moisture Resistance: Per specification, Method
106.
Soldering Information
Series 90 MIDIP® and Series 76 recessed rocker
(76RSB style) sealed switches have been tested
to EIA Standard RS-448-2. Similar performance
can be expected from other sealed Series 76 and
78 DIP switches.
Solderability: Per MIL-STD-202, Method 208
Resistance to Soldering Heat: 76RSB: Passes
EIA Standard using two, four, and six second
soldering time. 90: Per MIL-S-83504, six second
test.
Fluxing: Per EIA RS-448-2 with flux touching
switch body.
Cleaning: 76RSB, 90: Passes immersion test
using water/detergent. Acceptable solutions
include 1-1-1 trichlorethane, freon, (TF, TE, or
TMS), isopropyl alcohol, detergent (140°F
maximum). Terpene acceptable for Series 90 only.
Solutions which are not recommended include
acetone, methylene chloride, freon TMC.
Materials and Finishes
Shorting Member (Ball): Brass, gold-plated
10 microinches minimum over nickel barrier.
Base Contacts: Copper alloy, gold-plated
10 microinches minimum over nickel barrier.
Terminals:Copperalloy,solder-platedovernickel
barrier.
Non-ConductiveParts:Thermoplastic(UL94V-O)
Potting Material: Epoxy, 76,78 only.
Protective Cover: 76,78, only-Polycarbonate.
Tape and Reel Packaging
Tape Seal:
76, 78:
Polyester film
90:
Polyimide film or foil
Tape Seal Integrity: Passes gross leak test using
125°C flourinert for 20 seconds minimum.
Reference MIL-STD-202, Method 112.
B-16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com