Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6917B Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 7Page - STMicroelectronics L6917B Datasheet HTML 8Page - STMicroelectronics L6917B Datasheet HTML 9Page - STMicroelectronics L6917B Datasheet HTML 10Page - STMicroelectronics L6917B Datasheet HTML 11Page - STMicroelectronics L6917B Datasheet HTML 12Page - STMicroelectronics L6917B Datasheet HTML 13Page - STMicroelectronics L6917B Datasheet HTML 14Page - STMicroelectronics L6917B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
L6917B
which the low-side mosfet is on (OFF Time). During this time, the reaction keeps the pin ISENx and PGNDSx
at the same voltage while during the time in which the reading circuitry is off, an internal clamp keeps these two
pins at the same voltage sinking from the ISENx pin the necessary current.
The proprietary current reading circuit allows a very precise and high bandwidth reading for both positive and
negative current. This circuit reproduces the current flowing through the sensing element using a high speed
Track & Hold transconductance amplifier. In particular, it reads the current during the second half of the OFF
time reducing noise injection into the device due to the mosfet turn-on (See fig. 4). Track time must be at least
200ns to make proper reading of the delivered current.
Figure 4. Current Reading Timing (Left) and Circuit (Right)
This circuit sources a constant 50
µA current from the PGNDSx pin and keeps the pins ISENx and PGNDSx at
the same voltage. Referring to figure 4, the current that flows in the ISENx pin is then given by the following
equation:
Where RSENSE is an external sense resistor or the rds,on of the low side mosfet and Rg is the transconductance
resistor used between ISENx and PGNDSx pins toward the reading points; IPHASE is the current carried by each
phase and, in particular, the current measured in the middle of the oscillator period
The current information reproduced internally is represented by the second term of the previous equation as
follow:
Since the current is read in differential mode, also negative current information is kept; this allow the device to
check for dangerous returning current between the two phases assuring the complete equalization between the
phase's currents.
From the current information of each phase, information about the total current delivered (IFB = IINFO1 + IINFO2)
and the average current for each phase (IAVG = (IINFO1 + IINFO2)/2 ) is taken. IINFOX is then compared to IAVG
to give the correction to the PWM output in order to equalize the current carried by the two phases.
The transconductance resistor Rg has to be designed in order to have current information of 25
µA per phase
at full nominal load; the over current intervention threshold is set at 140% of the nominal (IINFOx = 35
µA).
According to the above relationship, the limiting current (ILIM) for each phase, which has to be placed at one half
of the total delivered maximum current, results:
An over current is detected when the current flowing into the sense element is greater than 140% of the nominal
Rg
50
µµA
IISENx
Rg
LGATEX
ISENX
PGNDSX
ILS1
ILS2
Track & Hold
Total current
information
I
ISENx
50
µA
R
SENSE
I
PHASE
⋅
R
g
----------------------------------------------
+
50
µAI
IN FO x
+
==
I
IN FO x
R
SENSE
I
PHASE
⋅
R
g
----------------------------------------------
=
I
LIM
35
µARg
⋅
R
SENSE
---------------------------
=
Rg
I
LIM
R
SENSE
⋅
35
µA
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com