Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1FC05LE Datasheet(PDF) 5 Page - Hammond Power Solutions

Part # C1FC05LE
Description  HPS Fortress™ Encapsulated Transformers for Commercial Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HPS [Hammond Power Solutions]
Direct Link  www.hammondpowersolutions.com
Logo HPS - Hammond Power Solutions

C1FC05LE Datasheet(HTML) 5 Page - Hammond Power Solutions

  C1FC05LE Datasheet HTML 1Page - Hammond Power Solutions C1FC05LE Datasheet HTML 2Page - Hammond Power Solutions C1FC05LE Datasheet HTML 3Page - Hammond Power Solutions C1FC05LE Datasheet HTML 4Page - Hammond Power Solutions C1FC05LE Datasheet HTML 5Page - Hammond Power Solutions C1FC05LE Datasheet HTML 6Page - Hammond Power Solutions C1FC05LE Datasheet HTML 7Page - Hammond Power Solutions C1FC05LE Datasheet HTML 8Page - Hammond Power Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
THREE PHASE SPECIFICATIONS
208V Primary
208Y/120V Secondary
60 Hz
240V Primary
208Y/120V Secondary
240V Primary
480Y/277V Secondary
60 Hz
480V Primary
240V Delta Secondary
208V Primary
480Y/277V Secondary
60 Hz
60 Hz
480V Primary
208Y/120V Secondary
60 Hz
60 Hz
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002BBS
NQT3
57
3
C3F003BBS
NQT3
76
6
C3F006BBS
NQT5
139
9
C3F009BBS
NQT6
208
15
C3F015BBS
NQT7
357
30
C3F030BBS
NQT8
521
45
C3F045BBS
NQT9
700
75
C3F075BBS
NQT9A
1420
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002BKS
NQT3
58
3
C3F003BKS
NQT3
75
6
C3F006BKS
NQT5
139
9
C3F009BKS
NQT6
208
15
C3F015BKS
NQT7
357
30
C3F030BKS
NQT8
520
45
C3F045BKS
NQT9
700
75
C3F075BKS
NQT9A
1420
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002DBS
NQT3
58
3
C3F003DBS
NQT3
74
6
C3F006DBS
NQT5
139
9
C3F009DBS
NQT6
208
15
C3F015DBS
NQT7
356
30
C3F030DBS
NQT8
521
45
C3F045DBS
NQT9
700
75
C3F075DBS
NQT9A
1420
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002DKS
NQT3
58
3
C3F003DKS
NQT3
75
6
C3F006DKS
NQT5
139
9
C3F009DKS
NQT6
208
15
C3F015DKS
NQT7
354
30
C3F030DKS
NQT8
521
45
C3F045DKS
NQT9
700
75
C3F075DKS
NQT9A
1420
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002KBS
NQT3
59
3
C3F003KBS
NQT3
74
6
C3F006KBS
NQT5
139
9
C3F009KBS
NQT6
208
15
C3F015KBS
NQT7
355
30
C3F030KBS
NQT8
521
45
C3F045KBS
NQT9
700
75
C3F075KBS
NQT9A
1420
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002KDS
NQT3
58
3
C3F003KDS
NQT3
76
6
C3F006KDS
NQT5
139
9
C3F009KDS
NQT6
210
15
C3F015KDS
NQT7
355
30
C3F030KDS
NQT8
521
45
C3F045KDS
NQT9
700
75
C3F075KDS
NQT9A
1420
600V Primary
208Y/120V Secondary
60 Hz
600V Primary
240V Delta Secondary
60 Hz
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002PBS
NQT3
58
3
C3F003PBS
NQT3
74
6
C3F006PBS
NQT5
139
9
C3F009PBS
NQT6
207
15
C3F015PBS
NQT7
356
30
C3F030PBS
NQT8
521
45
C3F045PBS
NQT9
700
75
C3F075PBS
NQT9A
1420
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
2
C3F002PDS
NQT3
58
3
C3F003PDS
NQT3
74
6
C3F006PDS
NQT5
139
9
C3F009PDS
NQT6
206
15
C3F015PDS
NQT7
356
30
C3F030PDS
NQT8
521
45
C3F045PDS
NQT9
700
75
C3F075PDS
NQT9A
1420



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com