Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

438 Datasheet(PDF) 1 Page - Artisan Controls Corporation

Part # 438
Description  Delay-On-Make Time Capsule®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTISAN [Artisan Controls Corporation]
Direct Link  http://www.artisancontrols.com/
Logo ARTISAN - Artisan Controls Corporation

438 Datasheet(HTML) 1 Page - Artisan Controls Corporation

  438 Datasheet HTML 1Page - Artisan Controls Corporation 438 Datasheet HTML 2Page - Artisan Controls Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Timers and Controllers
Tel: 973-598-9400 • Fax: 973-598-9410 • Toll Free: 800-457-4950
Artisan Controls Corporation, 111 Canfield Ave., Bldg B15-18, Randolph, NJ, 07869, USA
Notice: Artisan Controls Corporation assumes no responsibility for customers applications or product design, it is the customers responsibility to analyze their
application and test the selected product to determine its suitability for use. The information and data contained herein is the sole and exclusive property of
Artisan Controls Corporation. Any duplication, misuse, or conversion of this information without the express written consent of Artisan Controls Corporation is
illegal and will result in damages including court costs and attorney fees being assessed against the party misusing this property
V I S I T O U R W E B S I T E A T : www.artisancontrols.com
30
20
12
4
0.1
300
150
90
30
1
1,000
500
300
100
2
5,000
2,500
1,500
500
10
8,000
4,500
2,700
900
30
10 Meg
5 Meg
3 Meg
1 Meg
0
DASH NO.
-1
-2
-3
-4
-5
External
Resistor
(Ohms)
438
Delay-On-Make
Time Capsule®
The Model 438 delay-on-make is another member of the Artisan Controls
Corporation family of Time Capsules®. To use the model 438 connect the outer
two terminals in series with any load circuit that draws between ten milliamperes
and one ampere. Connect to the specified operating voltage between 12 and
240 volts either AC or DC. Connect the proper timing resistor across the center
two terminals (on adjustable models) and apply operating voltage. When the
operating voltage is applied a small amount of current will flow through the load
and the timer. At the end of the delay period, the model 438 turns ON and full
load current is permitted to flow. To recycle, remove the operating voltage for at
least 50 milliseconds.
Mechanical & Wiring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Timing Diagram . . . . . . . . . . . . . . . . . . . . External Timing Resistance Chart . . . . . . . . .
How The Chart Works. . . . . . .
The -2 range indicates a timing range of 1 to 30 seconds when the external
timing resistance varies from 0 to 1 meg ohm. The -2 extended range of 300
seconds can be achieved by using a 0 to 10 meg ohm external resistance.
4,500
Tim e
De lay
Tim e
De la y
O p erating
Voltage
LO A D
ON
ON
R ecycle
Tim e
.90
1.70
.27
2.25
2.65
.36
.76
.20
MTG. HOLES
.156 DIA.
4 PLACES
.250 Quick
Connect
Terminals
Operating
Voltage
Center Terminals
Omitted on 438F


Similar Part No. - 438

ManufacturerPart #DatasheetDescription
logo
Littelfuse
438 LITTELFUSE-438 Datasheet
185Kb / 4P
Surface Mount Fuses
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
3M™ Heavy Duty Aluminum Foil Tape 438
May-2017
logo
Dremel
438 DREMEL-438 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Keystone Electronics Co...
438 KEYSTONE-438 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
EDAC, All Rights Reserv...
438-017-000-112 EDAC-438-017-000-112 Datasheet
76Kb / 1P
438 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Open Card Slot
AUG. 01/2018
More results

Similar Description - 438

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
ORM LITTELFUSE-ORM Datasheet
460Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
PRLM LITTELFUSE-PRLM Datasheet
269Kb / 2P
DELAY-ON-MAKE
2021 Rev: 1-B-030121
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com