Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1444050000. Datasheet(PDF) 2 Page - Weidmuller

Part # 1444050000.
Description  Pressing tool PZ 6 ROTO L
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1444050000. Datasheet(HTML) 2 Page - Weidmuller

  1444050000. Datasheet HTML 1Page - Weidmuller 1444050000. Datasheet HTML 2Page - Weidmuller 1444050000. Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data sheet
 
Pressing tool
PZ 6 ROTO L
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Technical data
 
 
Creation date September 7, 2020 10:28:14 AM CEST
 
Catalogue status 05.09.2020 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Width
200 mm
  Width (inches)
7.874 inch
Weight
428 g
  Net weight
431.4 g
 
Environmental Product Compliance
 
REACH SVHC
Lead 7439-92-1
   
 
Technical data
 
Version
Mechanical, without
interchangeable inserts
   
 
Description of contact
 
Type of contact
Wire-end ferrules with/
without plastic collars
  Crimping range, min.
0.14 mm²
Crimping range, max.
6 mm²
  Conductor cross-section, max. AWG
AWG 10
Conductor cross-section, min. AWG
AWG 26
   
 
tool data crimping
 
Crimping type/profile
Trapezoidal crimp
  Wire end ferrules cross-section, min.
0.14 mm²
Wire end ferrules cross-section, max.
6 mm²
   
 
Classifications
 
ETIM 6.0
EC000168
  ETIM 7.0
EC000168
eClass 9.0
21-04-38-11
  eClass 9.1
21-04-38-11
eClass 10.0
21-04-38-11
  UNSPSC
31-16-31-02
 
Approvals
 
Approvals
 
Downloads
 
Brochure/Catalogue
CAT 6 TOOLS 15/16 EN
User Documentation
Manual
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com