Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM02CGR Datasheet(PDF) 2 Page - Tyco Electronics

Part # IM02CGR
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM02CGR Datasheet(HTML) 2 Page - Tyco Electronics

  IM02CGR Datasheet HTML 1Page - Tyco Electronics IM02CGR Datasheet HTML 2Page - Tyco Electronics IM02CGR Datasheet HTML 3Page - Tyco Electronics IM02CGR Datasheet HTML 4Page - Tyco Electronics IM02CGR Datasheet HTML 5Page - Tyco Electronics IM02CGR Datasheet HTML 6Page - Tyco Electronics IM02CGR Datasheet HTML 7Page - Tyco Electronics IM02CGR Datasheet HTML 8Page - Tyco Electronics IM02CGR Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Slim line AND low profile
2 pole telecom/signal relay, polarized
Through Hole Types (THT), standard version
with 5.08 mm, narrow version with 3.2 mm between
the terminal rows
or
Surface Mount Type (SMT)
Relay types:
non-latching with 1 coil
latching with 1 coil
Features
- Telecom/signal relay (dry circuit, test access, ringing)
- Slim line10 x 6 mm, 0.39 x 0.24 inch
- Low profile 5.65 mm, 0.222 inch
- Minimum board-space 60 mm2
- Switching current 2 A
- 2 changeover contacts (2 form C / DPDT)
- Bifurcated contacts, gold plated
- High sensitivity results in low nominal power consumption
140 mW for non latching standard
100 mW for latching version and non latching high sensitive
version
- High surge capability (1.2/50 µs and 10/700 µs) meets
Bellcore GR 1089, FCC Part 68 and ITU-T K20, 21, 45
³1500 V between open contacts
³ 2500 V between coil and contacts
- High mechanical shock resistance
up to 300 G functional
up to 500 G survival
Typical applications:
- Communications equipment
Linecard application – analog, ISDN, xDSL,
PABX
Voice over IP
- Office and business equipment
- Measurement and control equipment
- Consumer electronics
Set top boxes, HiFi
- Medical equipment
Options:
Surge capability ³ 2500 V between open contacts
IM Relay
Insulation category:
Supplementary insulation according IEC/EN 60950
Working voltage
£ 300 Vrms
Mains supply voltage
SMT: 250 Vrms
THT: 200 Vrms
Repetitive peak voltage
2500 V
Pollution degree:
External:
2
Internal:
1
Flammability classification:
V-0
Maximum operating temperature: 85°C
UL 508
File No. E111441
UL 60950
IEC/EN60950
IEC Ref. Cert. No. 2170
CECC 61811-51:01
(QC 160501)
Page 2 (11)
108-98001 Rev. D
European Directive conformance:
IM relay product conformance according to:
-
Directive 2000/53/EC: ELV (End of Life of Vehicles)
-
Directive 2002/95/EC: ROHS (Restrictions of the
use of certain hazardous substances in electrical and
electronic equipment)
Compliance is evidenced by written declaration from all raw
material suppliers.
Tyco Electronics AXICOM only has responsibility for the proper
processing of these materials.
Confirmation is valid for date codes ≥ 0438



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com