Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9301 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9301
Description  Frequency Synthesizer Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9301 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX9301 Datasheet HTML 1Page - National Semiconductor (TI) LMX9301 Datasheet HTML 2Page - National Semiconductor (TI) LMX9301 Datasheet HTML 3Page - National Semiconductor (TI) LMX9301 Datasheet HTML 4Page - National Semiconductor (TI) LMX9301 Datasheet HTML 5Page - National Semiconductor (TI) LMX9301 Datasheet HTML 6Page - National Semiconductor (TI) LMX9301 Datasheet HTML 7Page - National Semiconductor (TI) LMX9301 Datasheet HTML 8Page - National Semiconductor (TI) LMX9301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Supply Voltage
VCC
b
03V to a65V
VP
b
03V to a65V
Voltage on Any Pin
with GND e 0V (VI)
b
03V to a65V
Storage Temperature Range (TS)
b
65 Cto a150 C
Lead Temperature (TL) (solder 4 sec)
a
260 C
Recommended Operating
Conditions
Power Supply Voltage (VCC)
475V to 55V
Operating Temperature (TA)
b
10 Cto a70 C
Note 1
Absolute Maximum Rating indicate limits beyond which daage to the
device may occur Operating Ratings indicate conditions for which the de-
vice is intended to be functional but do not guarantee specific performance
limits For guaranteed specifications and test conditions see the Electrical
Characteristics The guaranteed specifications apply only for the test condi-
tions listed
Electrical Characteristics
The following specifications are guaranteed over the recommended operating conditions unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
ICC
Power Supply Current
35
45
mA
fOSC
Reference Oscillator Frequency
15
MHz
fVCO
Frequency
738
766
MHz
POUT
Output Level
b
30
a
3
dBm
fi (fm)
Single Side Band Phase Noise
fm e 1000 Hz
80
dBcHz
fm e 30000 Hz
110
dBcHz
Spurious Reference Sidebands
30 kHz Offset
b
80
b
70
dBc
60 kHz Offset
b
90
dBc
Nth Spurious Harmonic
2nd harmonic
b
38
b
10
dBc
Spurious Non Harmonic
b
70
dBc
TLOCK
Frequency Lock Time (MAX)
g
1 kHz from carrier 25 MHz jump
25
40
ms
TLOCK
Frequency Lock Time (Adjacent Channels)
g
1 kHz from carrier 30 kHz jump
8
20
ms
DC Electrical Characteristics
The following specifications are guaranteed over the recommended operating conditions
DIGITAL INTERFACE SECTION
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
VIH
High Level Input Voltage
VCC b 08
V
VIL
Low Level Input Voltage
08
V
IIN
Input Current
GND k VIN k VCC
b
10
10
m
A
tCS
Data to Clock Set Up Time
50
ns
tCH
Data to Clock Hold Time
10
ns
tCWH
Clock Pulse Width High
50
ns
tCWL
Clock Pulse Width Low
50
ns
tES
Clock to Load Enable Set Up Time
50
ns
tEW
Load Enable Pulse Width
50
ns
Note 1
DC Electrical Characteristics for the digital section apply to the power down pin and the MICROWIRETM interface
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com