Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP232A Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP232A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP232A Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP232A Datasheet HTML 4Page - Sipex Corporation SP232A Datasheet HTML 5Page - Sipex Corporation SP232A Datasheet HTML 6Page - Sipex Corporation SP232A Datasheet HTML 7Page - Sipex Corporation SP232A Datasheet HTML 8Page - Sipex Corporation SP232A Datasheet HTML 9Page - Sipex Corporation SP232A Datasheet HTML 10Page - Sipex Corporation SP232A Datasheet HTML 11Page - Sipex Corporation SP232A Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
12
Part Number
Temperature Range
Topmark
Package
SP232ACN.............................0°C to +70°C................................SP232ACN..........................................................................16–pin NSOIC
SP232ACN/TR.......................0°C to +70°C................................SP232ACN..........................................................................16–pin NSOIC
SP232ACP.............................0°C to +70°C.................................SP232ACP.........................................................................16–pin PDIP
SP232ACT.............................0°C to +70°C.................................SP232ACT..........................................................................16–pin WSOIC
SP232ACT/TR.......................0°C to +70°C.................................SP232ACT..........................................................................16–pin WSOIC
SP232AEN..........................–40°C to +85°C................................SP232AEN..........................................................................16–pin NSOIC
SP232AEN/TR....................–40°C to +85°C................................SP232AEN..........................................................................16–pin NSOIC
SP232AEP..........................–40°C to +85°C................................SP232AEP..........................................................................16–pin PDIP
SP232AET..........................–40°C to +85°C................................SP232AET...........................................................................16–pin WSOIC
SP232AET/TR.....................–40°C to +85°C................................SP232AET...........................................................................16–pin WSOIC
SP233ACP.............................0°C to +70°C.................................SP232ACP.........................................................................20–pin PDIP
SP233ACT............................0°C to +70°C.................................SP233ACT...........................................................................20–pin WSOIC
SP233ACT/TR......................0°C to +70°C.................................SP233ACT...........................................................................20–pin WSOIC
SP233AEP..........................–40°C to +85°C................................SP232AEP..........................................................................20–pin PDIP
SP233AET..........................–40°C to +85°C................................SP233AET...........................................................................20–pin WSOIC
SP233AET/TR.....................–40°C to +85°C................................SP233AET...........................................................................20–pin WSOIC
SP310ACP............................0°C to +70°C.................................SP310ACP.........................................................................18–pin PDIP
SP310ACT............................0°C to +70°C.................................SP310ACT..........................................................................18–pin WSOIC
SP310ACT/TR......................0°C to +70°C.................................SP310ACT..........................................................................18–pin WSOIC
SP310AEP..........................–40°C to +85°C................................SP310AEP..........................................................................18–pin PDIP
SP310AET..........................–40°C to +85°C................................SP310AET...........................................................................18–pin WSOIC
SP310AET/TR.....................–40°C to +85°C................................SP310AET...........................................................................18–pin WSOIC
SP312ACP............................0°C to +70°C.................................SP312ACP..........................................................................18–pin PDIP
SP312ACT............................0°C to +70°C.................................SP312ACT...........................................................................18–pin WSOIC
SP312ACT/TR......................0°C to +70°C.................................SP312ACT...........................................................................18–pin WSOIC
SP312AEP..........................–40°C to +85°C................................SP312AEP...........................................................................18–pin PDIP
SP312AET..........................–40°C to +85°C................................SP312AET............................................................................18–pin WSOIC
SP312AET/TR.....................–40°C to +85°C................................SP312AET............................................................................18–pin WSOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP312AEA/TR = standard; SP312AEA-L/TR = lead free.
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC and 2,500 for NSOIC.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com